Electronic Components Datasheet Search
  English  ▼

X  

MAX5713 Datasheet(PDF) 21 Page - Maxim Integrated Products

Part # MAX5713
Description  Ultra-Small, Quad-Channel, 8-/10-/12-Bit Buffered Output DACs with Internal Reference and SPI Interface
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5713 Datasheet(HTML) 21 Page - Maxim Integrated Products

Back Button MAX5713 Datasheet HTML 17Page - Maxim Integrated Products MAX5713 Datasheet HTML 18Page - Maxim Integrated Products MAX5713 Datasheet HTML 19Page - Maxim Integrated Products MAX5713 Datasheet HTML 20Page - Maxim Integrated Products MAX5713 Datasheet HTML 21Page - Maxim Integrated Products MAX5713 Datasheet HTML 22Page - Maxim Integrated Products MAX5713 Datasheet HTML 23Page - Maxim Integrated Products MAX5713 Datasheet HTML 24Page - Maxim Integrated Products MAX5713 Datasheet HTML 25Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 27 page
background image
Ultra-Small, Quad-Channel, 8-/10-/12-Bit Buffered
Output DACs with Internal Reference and SPI Interface
MAX5713/MAX5714/MAX5715
21
POWER Command
The MAX5713/MAX5714/MAX5715 feature a software-
controlled power-mode (POWER) command (B[23:20] =
0100). The POWER command updates the power-mode
settings of the selected DACs while the power settings of
the rest of the DACs remain unchanged. The new power
setting is determined by bits B[17:16] while the affected
DAC(s) are selected by bits B[11:8]. If all DACs are pow-
ered down, the device enters a STANDBY mode.
In power-down, the DAC output is disconnected from
the buffer and is grounded with either one of the two
selectable internal resistors or set to high impedance.
See Table 5 for the selectable internal resistor values in
power-down mode. In power-down mode, the DAC regis-
ter retains its value so that the output is restored when the
device powers up. The serial interface remains active in
power-down mode.
In STANDBY mode, the internal reference can be pow-
ered down or it can be set to remain powered-on for
external use. Also, in STANDBY mode, devices using the
external reference do not load the REF pin. See Table 4.
SW_RESET and SW_CLEAR Command
The SW_RESET (B[23:16] = 01010001) and SW_CLEAR
(B[23:16] = 01010000) commands provide a means of
issuing a software reset or software clear operation. Use
SW_CLEAR to issue a software clear operation to return
all CODE and DAC registers to the zero-scale value. Use
SW_RESET to reset all CODE, DAC, and configuration
registers to their default values.
Table 4. POWER (100) Command Format
Table 5. Selectable DAC Output Impedance in Power-Down Mode
B23 B22 B21 B20 B19 B18 B17 B16
B15 B14 B13 B12 B11 B10 B9
B8
B7
B6
B5
B4
B3
B2
B1
B0
0
1
0
0
0
0
PD1 PD0
X
X
X
X
D
C
B
A
X
X
X
X
X
X
X
X
POWER Command
Power
Mode:
00 =
Normal
01 = 1kI
10 =
100kI
11 = Hi-Z
Don’t Care
Multiple DAC
Selection:
1 = DAC Selected
0 = DAC Not
Selected
Don’t Care
Default Values (all DACs) ➝
0
0
X
X
X
X
1
1
1
1
X
X
X
X
X
X
X
X
PD1 (B17)
PD0 (B16)
OPERATING MODE
0
0
Normal operation
0
1
Power-down with internal 1kI pulldown resistor to GND.
1
0
Power-down with internal 100kI pulldown resistor to GND.
1
1
Power-down with high-impedance output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com