Electronic Components Datasheet Search
  English  ▼

X  

MAX5713 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX5713
Description  Ultra-Small, Quad-Channel, 8-/10-/12-Bit Buffered Output DACs with Internal Reference and SPI Interface
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5713 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX5713 Datasheet HTML 1Page - Maxim Integrated Products MAX5713 Datasheet HTML 2Page - Maxim Integrated Products MAX5713 Datasheet HTML 3Page - Maxim Integrated Products MAX5713 Datasheet HTML 4Page - Maxim Integrated Products MAX5713 Datasheet HTML 5Page - Maxim Integrated Products MAX5713 Datasheet HTML 6Page - Maxim Integrated Products MAX5713 Datasheet HTML 7Page - Maxim Integrated Products MAX5713 Datasheet HTML 8Page - Maxim Integrated Products MAX5713 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
Ultra-Small, Quad-Channel, 8-/10-/12-Bit Buffered
Output DACs with Internal Reference and SPI Interface
MAX5713/MAX5714/MAX5715
2
VDD, VDDIO to GND ................................................ -0.3V to +6V
OUT_, REF to GND ................................. ....-0.3V to the lower of
(VDD + 0.3V) and +6V
CSB, SCLK, LDAC, CLR to GND ............................ -0.3V to +6V
DIN, RDY to GND........................................-0.3V to the lower of
(VDDIO + 0.3V) and +6V
Continuous Power Dissipation (TA = +70NC)
TSSOP (derate at 10mW/NC above 70NC)...................797mW
WLP (derate at 16.1mW/NC above 70NC)..................1288mW
Maximum Continuous Current into Any Pin .................... Q50mA
Operating Temperature Range........................ -40NC to +125NC
Storage Temperature Range............................ -65NC to +150NC
Lead Temperature (TSSOP only)(soldering, 10s)...........+300NC
Soldering Temperature (reflow) .................................... +260NC
TSSOP
Junction-to-Ambient Thermal Resistance (θJA) .......100NC/W
Junction-to-Case Thermal Resistance (θJC) ...............30NC/W
WLP
Junction-to-Ambient Thermal Resistance (θJA)
(Note 2)........................................................................62NC/W
ABSOLUTE MAXIMUM RATINGS
Note 1: Package thermal resistances were obtained using the method described in JEDEC specification JESD51-7, using a four-
layer board. For detailed information on package thermal considerations, refer to www.maxim-ic.com/thermal-tutorial.
Note 2: Visit www.maxim-ic.com/app-notes/index.mvp/id/1891 for information about the thermal performance of WLP packaging.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional opera-
tion of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
PACKAGE THERMAL CHARACTERISTICS (Note 1)
ELECTRICAL CHARACTERISTICS
(VDD = 2.7V to 5.5V, VDDIO = 1.8V to 5.5V, VGND = 0V, CL = 200pF, RL = 2kI, TA = -40NC to +125NC, unless otherwise noted. Typical
values are at TA = +25NC.) (Note 3)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
DC PERFORMANCE (Note 4)
Resolution and Monotonicity
N
MAX5713
8
Bits
MAX5714
10
MAX5715
12
Integral Nonlinearity (Note 5)
INL
MAX5713
-0.25
Q
0.05
+0.25
LSB
MAX5714
-0.5
Q
0.25
+0.5
MAX5715
-1
Q
0. 5
+1
Differential Nonlinearity (Note 5)
DNL
MAX5713
-0.25
Q
0.05
+0.25
LSB
MAX5714
-0.5
Q
0.1
+0.5
MAX5715
-1
Q
0.2
+1
Offset Error (Note 6)
OE
-5
Q
0.5
+5
mV
Offset Error Drift
Q
10
F
V/NC
Gain Error (Note 6)
GE
-1.0
Q
0.1
+1.0
%FS
Gain Temperature Coefficient
With respect to VREF
Q
3.0
ppm of
FS/NC
Zero-Scale Error
0
10
mV
Full-Scale Error
With respect to VREF
-0.5
+0.5
%FS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com