Electronic Components Datasheet Search
  English  ▼

X  

FS0H223ZF Datasheet(PDF) 37 Page - NEC

Part # FS0H223ZF
Description  Super Capacitors
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

FS0H223ZF Datasheet(HTML) 37 Page - NEC

Back Button FS0H223ZF Datasheet HTML 31Page - NEC FS0H223ZF Datasheet HTML 32Page - NEC FS0H223ZF Datasheet HTML 33Page - NEC FS0H223ZF Datasheet HTML 34Page - NEC FS0H223ZF Datasheet HTML 35Page - NEC FS0H223ZF Datasheet HTML 36Page - NEC FS0H223ZF Datasheet HTML 37Page - NEC FS0H223ZF Datasheet HTML 38Page - NEC FS0H223ZF Datasheet HTML 39Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 37 / 39 page
background image
●All specifications in this catalog and production status of products are subject to change without notice. Prior to the purchase, please contact NEC TOKIN for updated product data.
●Please request for a specification sheet for detailed product data prior to the purchase.
●Before using the product in this catalog, please read "Precautions" and other safety precautions listed in the printed version catalog.
2010.11.8 9565SCAVOL12E
Super Capacitors Vol.12 37
1.10 Super capacitors fitted with pressure valves
HV series super capacitors are fitted with pressure valves Make an opening in the top of the pressure valve to avoid any
damage to the super capacitor when the pressure valve is in use. Allow at least a 2mm opening for models with a diameter
of φ18mm or less, and at least a 3mm opening for models with a diameter of φ22mm.
2. Mounting
2.1 Mounting onto a reflow furnace
Except for the FC series, it is not possible to mount this capacitor onto an IR / VPS reflow furnace. Do not immerse the
capacitor into a soldering dip tank.
2.2 Flow soldering conditions
Keep solder under 260 ℃ and soldering time to within 10 seconds when using the flow automatic soldering method. (Except
for the FC and HV series)
2.3 Installation using a soldering iron
Care must be taken to prevent the soldering iron from touching other parts when soldering. Keep the tip of the soldering iron
under 400 ℃ and soldering time to within 3 seconds. Always make sure that the temperature of the tip is controlled. Internal
capacitor resistance is likely to increase if the terminals are overheated.
2.4 Lead terminal processing
Do not attempt to bend or polish the capacitor terminals with sand paper etc. Soldering may not be possible if the metallic
plating is removed from the top of the terminals.
2.5 Cleaning, Coating, and Potting
Except for the FM series, cleaning, coating, and potting must not be carried out. Consult us if this type of procedure is
necessary.
Terminals should be dried at less than the maximum operating temperature after cleaning.
3. Storage
3.1 Temperature and Humidity
Make sure that the super capacitor is stored according to the following conditions: Temp.: 5∼35 ℃ (Standard 25), Humidity:
20∼70% (Standard: 50%). Do not allow the build up of condensation through sudden temperature change.
3.2 Environment conditions
Make sure that there are no corrosive gasses like sulfur dioxide as penetration of the lead terminals is possible.
Always store this item in an area with low dust and dirt levels.
Make sure that the packaging will not be deformed through heavy loading, movement and/or knocks.
Keep out of direct sunlight, and away from radiation, static electricity, and magnetic fields.
3.3 Maximum storage period
This item may be stored up to one year from the date of delivery if stored at the conditions stated above.
This product should be safe to use even after being stored for over a 1 year period. However, depending on the storage
conditions, we recommend that the soldering is checked.
4. Dismantling
There is a small amount of electrolyte stored within thecapacitor. Do not attempt to dismantle as direct skin contact with the
electrolyte will cause burning.
This product should be treated as industrial waste and not is not to be disposed of by fire.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com