Electronic Components Datasheet Search
  English  ▼

X  

FS0H223ZF Datasheet(PDF) 5 Page - NEC

Part # FS0H223ZF
Description  Super Capacitors
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

FS0H223ZF Datasheet(HTML) 5 Page - NEC

  FS0H223ZF Datasheet HTML 1Page - NEC FS0H223ZF Datasheet HTML 2Page - NEC FS0H223ZF Datasheet HTML 3Page - NEC FS0H223ZF Datasheet HTML 4Page - NEC FS0H223ZF Datasheet HTML 5Page - NEC FS0H223ZF Datasheet HTML 6Page - NEC FS0H223ZF Datasheet HTML 7Page - NEC FS0H223ZF Datasheet HTML 8Page - NEC FS0H223ZF Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 39 page
background image
●All specifications in this catalog and production status of products are subject to change without notice. Prior to the purchase, please contact NEC TOKIN for updated product data.
●Please request for a specification sheet for detailed product data prior to the purchase.
●Before using the product in this catalog, please read "Precautions" and other safety precautions listed in the printed version catalog.
2010.11.8 9565SCAVOL12E
Super Capacitors Vol.12 5
2. Performance for Selection
3. Characteristics of Super Capacitor
Super Capacitor can not be used for applications in AC circuit such as ripple absorption because it has high internal resistance
(several hundred mΩ to a hundred Ω) compared to aluminum electrolysis capacitor. Thus its main use would be similar to that
of secondary battery such as power back-up in DC circuit. The following list shows the characteristics of Super Capacitors as
compared to aluminum electrolyses capacitors for power back-up and secondary batteries.
Secondary battery
Capacitor
NiCd battery
Lithium ion battery
Aluminum electrolysis capacito
Super Capacitor
Back-up ability
◎◎△○
Eco-hazard
Cd
−−−−−−−−−
Operating temperature range
−
20 to 60 ℃−20 to 50 ℃−55 to 105 ℃−40 to 85 ℃(FR,FT)
Charge time
few hours
few hours
few minutes
few minutes
Charge/discharge life time
approx. 500 times
approx. 500 to 1000 times
limitless (*1)
limitless (*1)
Restrictions on charge/discharge
yes
yes
none
none
Flow soldering
not applicable
not applicable
applicable
applicable
Automatic mounting
not applicable
not applicable
applicable
applicable (FM and FC series)
Safety risks
leakage, explosion
leakage, combustion, explosion, ignition
heat-up, explosion
gas emission (*2)
(*1) Aluminum electrolysis capacitor and Super Capacitor has limited lifetime. However, when used under proper conditions, both can operate
sufficiently within the designed lifetime of the set they are built in.
(*2) There is no harm as it is a mere leak of water vapor which transitioned from water contained in the electrolyte (diluted sulfuric acid).
However, application of abnormal voltage surge exceeding maximum operating voltage may result in leakage and explosion.
Backup time depends on capacitance
1 minute
Backup time
0.01
0.1
1
10
102
103
104
105
106
107
108
kA
A
mA
A
1 hour
1 day 1 week
1 month
( sec )
High power
SuperCapacitor
BOX type
Low impedance application use
FA, FE, FS, FT, FM Series
High impedance application use
FG, FY, FC, FM, FR Series
High power
SuperCapacitor
HV Series
μ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com