Electronic Components Datasheet Search
  English  ▼

X  

FS0H223ZF Datasheet(PDF) 10 Page - NEC

Part # FS0H223ZF
Description  Super Capacitors
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

FS0H223ZF Datasheet(HTML) 10 Page - NEC

Back Button FS0H223ZF Datasheet HTML 6Page - NEC FS0H223ZF Datasheet HTML 7Page - NEC FS0H223ZF Datasheet HTML 8Page - NEC FS0H223ZF Datasheet HTML 9Page - NEC FS0H223ZF Datasheet HTML 10Page - NEC FS0H223ZF Datasheet HTML 11Page - NEC FS0H223ZF Datasheet HTML 12Page - NEC FS0H223ZF Datasheet HTML 13Page - NEC FS0H223ZF Datasheet HTML 14Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 39 page
background image
●All specifications in this catalog and production status of products are subject to change without notice. Prior to the purchase, please contact NEC TOKIN for updated product data.
●Please request for a specification sheet for detailed product data prior to the purchase.
●Before using the product in this catalog, please read "Precautions" and other safety precautions listed in the printed version catalog.
2010.11.8 9565SCAVOL12E
10 Super Capacitors Vol.12
・
FC, FCH Type
250
200
150
100
50
0
Time (sec)
Tp Time exceeding 200℃
120sec
160 ℃
Reflow profile
Peak temperature
Peak temperature :
235℃,within 10sec.
250
240
230
220
210
200
Tp (sec)
Tp Time exceeding 200℃
0
10
20
30
40
50
60
Reflow profile
0
50
100
150
200
250
300
0
50
100
150
200
250
300
350
400
Time (sec)
200℃
150℃
260℃
Temperature on the
capacitor top
217℃
70sec
150sec
・
FCS Type
・
Above "Reflow Profile" graph indicates temperature at the
terminals and capacitor top.
・
Above "Reflow Profile" graph indicates temperature at the
terminals and capacitor top.
Precautions for use
・
This series is exclusively for reflow soldering. It is designed for thermal conduction system such as combination use of infrared
ray and heat blow. Consult with NEC TOKIN before applying other methods.
・
The reflow condition must be kept within reflow profile graphs shown below.
・
Applying reflow soldering is limited to 2 times. After the first reflow, cool down the capacitor thoroughly to 5-35 ℃ before the
second reflow.
Always consult with NEC TOKIN when applying reflow soldering in a more severe condition than the condition described here.
Peak temperature
Below 260 ℃
Over 255 ℃
Within 10sec.
Over 230 ℃
Within 45sec.
Over 220 ℃
Within 60sec.
Over 217 ℃
Within 70sec.
Time between 150 ℃ to
200 ℃(temperature zone
over 170 ℃=within 50sec.)
150sec.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com