Electronic Components Datasheet Search
  English  ▼

X  

FS0H223ZF Datasheet(PDF) 12 Page - NEC

Part # FS0H223ZF
Description  Super Capacitors
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

FS0H223ZF Datasheet(HTML) 12 Page - NEC

Back Button FS0H223ZF Datasheet HTML 8Page - NEC FS0H223ZF Datasheet HTML 9Page - NEC FS0H223ZF Datasheet HTML 10Page - NEC FS0H223ZF Datasheet HTML 11Page - NEC FS0H223ZF Datasheet HTML 12Page - NEC FS0H223ZF Datasheet HTML 13Page - NEC FS0H223ZF Datasheet HTML 14Page - NEC FS0H223ZF Datasheet HTML 15Page - NEC FS0H223ZF Datasheet HTML 16Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 39 page
background image
●All specifications in this catalog and production status of products are subject to change without notice. Prior to the purchase, please contact NEC TOKIN for updated product data.
●Please request for a specification sheet for detailed product data prior to the purchase.
●Before using the product in this catalog, please read "Precautions" and other safety precautions listed in the printed version catalog.
2010.11.8 9565SCAVOL12E
12 Super Capacitors Vol.12
Specifications
Series name
Item
FC
Test conditions (conforming to JIS C 5160-1)
5.5V type, 3.5V type
Category temperature range
−
25 ℃ to +70 ℃
MAX operating voltage
5.5Vdc, 3.5Vdc
Capacitance
Refer to standard ratings
Refer to Measurement Conditions
Capacitance allowance
+
80 %, −20 %
Refer to Measurement Conditions
ESR
Refer to standard ratings
Measured at 1kHz, 10mA ; See also Measurement
Conditions
Current (30-minutes value)
Refer to standard ratings
Refer to Measurement Conditions
*
Surge
Capacitance
More than 90% of initial ratings
Surge voltage:4.0V (3.5V type, 3.6V type)
:
6.3V (5.5V type)
Charge:30 sec.
Discharge:9min 30sec.
Number of cycles:1000
Series resistance:0.043F, 0.047F 300Ω
:
0.068F
240Ω
:
0.10F
150Ω
:
0.22F
56Ω
:
0.47F
30Ω
:
1.0F
15Ω
Discharge resistance:0Ω
Temperature:70±2 ℃
ESR
Not to exceed 120% of initial ratings
Current (30 minutes value)
Not to exceed 120% of initial ratings
Appearance
No obvious abnormality
*
Characteristics in
different temperature
Capacitance
Phase 2
50% higher than initial value
Conforms to 4.17
Phase1:+25±2 ℃
Phase2:−25±2 ℃
Phase4:+25±2 ℃
Phase5:+70±2 ℃
Phase6:+25±2 ℃
ESR
400% or less than initial value
Capacitance
Phase 3
ESR
Capacitance
Phase 5
200% or less than initial value
ESR
Satisfy initial ratings
Current (30 minutes value)
1.5CV (mA) or below
Capacitance
Phase 6
Within ±20% of initial value
ESR
Satisfy initial ratings
Current (30 minutes value)
Satisfy initial ratings
*
Vibration resistance
Capacitance
Satisfy initial ratings
Conforms to 4.13
Frequency:10 to 55 Hz
Testing time:6 hours
ESR
Current (30 minutes value)
Appearance
No obvious abnormality
*
Solder heat resistance
Capacitance
Satisfy initial ratings
Cooled down to ambient temperature after reflow
soldering, then the product must fulfill the condition
stated left. (See page 10 for reflow condition)
ESR
Current (30 minutes value)
Appearance
No obvious abnormality
*
Temperature cycle
Capacitance
Satisfy initial ratings
Conforms to 4.12
Temperature condition:−25℃→Room temperature→
+
70℃→Room temperature
Number of cycles:5 Cycles
ESR
Current (30 minutes value)
Appearance
No obvious abnormality
*
High temp. and high
humidity resistance
Capacitance
Within ±20% of initial value
Conforms to 4.14
Temperature:40±2 ℃
Relative humidity:90 to 95 %RH
Testing time:240±8 hours
ESR
Not to exceed 120% of initial ratings
Current (30 minutes value)
Not to exceed 120% of initial ratings
Appearance
No obvious abnormality
*
High temperature load
Capacitance
Within ±30% of initial value
Conforms to 4.15
Voltage applied:MAX operating voltage
Series protection resistance:0Ω
Testing time:1000+48
 
0
Hours
ESR
Below 200% of initial ratings
Current (30 minutes value)
Below 200% of initial ratings
Appearance
No obvious abnormality
*
Self discharge characteristics
(voltage holding characteristics)
5.5V type: Voltage between terminal leads
higher than 4.2V
3.5V type: Not specified
Charging
condition
Voltage applied:5.0Vdc (Terminal
at the case's side be negative)
Series resistance:0Ω
Charging time:24 hours
Storage
Let stand for 24 hours in condition
described below with terminals
opened.
Ambient temperature:Lower than 25℃
Relative humidity:Lower than 70%RH
As for items with * , it must fulfill the above condition after the reflow soldering. (See page 10 for reflow conditions)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com