Electronic Components Datasheet Search
  English  ▼

X  

OPA699MJD Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # OPA699MJD
Description  GAIN 4 STABLE WIDEBAND VOLTAGE LIMITING AMPLIFIER
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA699MJD Datasheet(HTML) 9 Page - Texas Instruments

Back Button OPA699MJD Datasheet HTML 5Page - Texas Instruments OPA699MJD Datasheet HTML 6Page - Texas Instruments OPA699MJD Datasheet HTML 7Page - Texas Instruments OPA699MJD Datasheet HTML 8Page - Texas Instruments OPA699MJD Datasheet HTML 9Page - Texas Instruments OPA699MJD Datasheet HTML 10Page - Texas Instruments OPA699MJD Datasheet HTML 11Page - Texas Instruments OPA699MJD Datasheet HTML 12Page - Texas Instruments OPA699MJD Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
www.ti.com
Load Resistance (
Ω)
100
1k
-55
-60
-65
-70
-75
-80
-85
-90
V
O = 2VPP
f = 5MHz
3rd-Harmonic
See Figure 47
2nd-Harmonic
G013
± Supply Voltage (V)
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
-60
-65
-70
-75
-80
-85
-90
V
O = 2VPP
R
L = 500Ω
3rd-Harmonic
2nd-Harmonic
See Figure 47
G014
Output Voltage (V
PP)
0.5 1.0 1.5 2.0 2.5
3.5 4.0 4.5 5.0
3.0
5.5 6.0 6.5 7.0 7.5 8.0
-50
-55
-60
-65
-70
-75
-80
-85
-90
3rd-Harmonic
See Figure 47
2nd-Harmonic
R
L = 500Ω
V
H = -VL = VOPP /2 + 0.5V
f = 5MHz
G016
Frequency (MHz)
0.5
1
10
20
-55
-60
-65
-70
-75
-80
-85
-90
-95
-100
-105
3rd-Harmonic
See Figure 47
2nd-Harmonic
V
O = 2VPP
R
L = 500Ω
G015
OPA699M
SGLS289A – MAY 2005 – REVISED MARCH 2006
TYPICAL CHARACTERISTICS: V
S = ±5 V (continued)
T
A = 25°C, G = +6, RF = 750 Ω, and RL = 500 Ω, VH = –VL = 2 V, unless otherwise noted
HARMONIC DISTORTION
5 MHz HARMONIC DISTORTION
vs
vs
LOAD RESISTANCE
SUPPLY VOLTAGE
Figure 13.
Figure 14.
HARMONIC DISTORTION
HARMONIC DISTORTION
vs
vs
FREQUENCY
OUTPUT VOLTAGE
Figure 15.
Figure 16.
9
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com