Electronic Components Datasheet Search
  English  ▼

X  

OPA699MJD Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # OPA699MJD
Description  GAIN 4 STABLE WIDEBAND VOLTAGE LIMITING AMPLIFIER
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA699MJD Datasheet(HTML) 17 Page - Texas Instruments

Back Button OPA699MJD Datasheet HTML 13Page - Texas Instruments OPA699MJD Datasheet HTML 14Page - Texas Instruments OPA699MJD Datasheet HTML 15Page - Texas Instruments OPA699MJD Datasheet HTML 16Page - Texas Instruments OPA699MJD Datasheet HTML 17Page - Texas Instruments OPA699MJD Datasheet HTML 18Page - Texas Instruments OPA699MJD Datasheet HTML 19Page - Texas Instruments OPA699MJD Datasheet HTML 20Page - Texas Instruments OPA699MJD Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 32 page
background image
www.ti.com
APPLICATION INFORMATION
DUAL-SUPPLY, NON-INVERTING AMPLIFIER
OPA699
49.9
Ω
6
I
VH
V
O
V
IN
I
VL
-V
S = -5V
3
2
4
7
8
5
R
F
750
Ω
R
G
150
Ω
500
Ω
0.1
µF
0.1
µF
0.1
µF
100
Ω
3.01k
Ω 1.91kΩ
3.01k
Ω 1.91kΩ
0.1
µF
V
H = +2V
V
L = -2V
+
2.2
µF
+
2.2
µF
+V
S = +5V
S0035-02
SINGLE-SUPPLY, NON-INVERTING AMPLIFIER
OPA699M
SGLS289A – MAY 2005 – REVISED MARCH 2006
The OPA699 is a +4 V/V minimum gain voltage-feedback amplifier that combines features of a wideband, high
slew rate amplifier with output voltage limiters. Its output can swing up to 1 V from each rail and can deliver up to
120 mA. These capabilities make it an ideal interface to drive an ADC while adding overdrive protection for the
ADC inputs.
Figure 47 shows the ac-coupled, gain of +6 V/V, dual power-supply circuit configuration used as the basis of the
±5-V Electrical Characteristics and Typical Characteristics. For test purposes, the input impedance is set to 50
Ω
with a resistor to ground and the output is set to 500
Ω. Voltage swings reported in the specifications are taken
directly at the input and output pins. For the circuit of Figure 47, the total output load will be 500
Ω || 900 Ω =
321
Ω. The voltage limiting pins are set to ±2 V through a voltage divider network between +V
S and ground for
VH and between –VS and ground for VL. These limiter voltages are adequately bypassed with a 0.1-µF ceramic
capacitor to ground. The limiter voltages (VH and VL) and the respective bias currents (IVH and IVL) have the
polarities shown. One additional component is included in Figure 47. An additional resistor (100
Ω) is included in
series with the noninverting input. Combined with the 25-
Ω dc source resistance looking back towards the signal
generator, this gives an input bias current-canceling resistance that matches the 125-
Ω source resistance seen
at the inverting input (see the dc accuracy and offset control section). The power-supply bypass for each supply
consists of two capacitors: one electrolytic 2.2 µF and one ceramic 0.1 µF. The power-supply bypass capacitors
are shown explicitly in Figure 47 and Figure 48, but will be assumed in the other figures. An additional 0.01-µF
power-supply decoupling capacitor (not shown here) can be included between the two power-supply pins. In
practical PC board layouts, this optional, added capacitor typically improves the 2nd harmonic distortion
performance by 3 dB to 6 dB.
Figure 47. DC-Coupled, Dual Supply Amplifier
Figure 48 shows an ac-coupled, noninverting gain amplifier for single +5-V supply operation. This circuit was
used for ac characterization of the OPA699, with a 50-
Ω source (which it matches) and a 500-Ω load. The
mid-point reference on the noninverting input is set by two 1.5-k
Ω resistors. This gives an input bias
current-canceling resistance that matches the 750-
Ω dc source resistance seen at the inverting input (see the dc
accuracy and offset control section). The power-supply bypass for the supply consists of two capacitors: one
electrolytic 2.2 µF and one ceramic 0.1 µF. The power-supply bypass capacitors are shown explicitly in Figure 47
17
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com