Electronic Components Datasheet Search
  English  ▼

X  

OPA699MJD Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # OPA699MJD
Description  GAIN 4 STABLE WIDEBAND VOLTAGE LIMITING AMPLIFIER
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA699MJD Datasheet(HTML) 21 Page - Texas Instruments

Back Button OPA699MJD Datasheet HTML 17Page - Texas Instruments OPA699MJD Datasheet HTML 18Page - Texas Instruments OPA699MJD Datasheet HTML 19Page - Texas Instruments OPA699MJD Datasheet HTML 20Page - Texas Instruments OPA699MJD Datasheet HTML 21Page - Texas Instruments OPA699MJD Datasheet HTML 22Page - Texas Instruments OPA699MJD Datasheet HTML 23Page - Texas Instruments OPA699MJD Datasheet HTML 24Page - Texas Instruments OPA699MJD Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
www.ti.com
LOW DISTORTION, LIMITED OUTPUT, ADC INPUT DRIVER
OPA699
V
S = +5V
4
2
3
7
5
8
6
V
S = +5V
+3.5V
+1.5V
REFB
REFT
IN
V
IN
0.1
µF
100pF
V
H = +3.6V
V
L = +1.4V
0.1
µF
0.1
µF
18pF
1000pF
4pF
750
Ω
24.9
Ω
374
Ω
562
Ω
102
Ω
1.4k
Ω
1.4k
Ω
102
Ω
562
Ω
ADS822
10-Bit
40MSPS
10-Bit
Data
V
S = +5V
INT/EXT
RSEL
+V
S
GND
S0038-02
LIMITED OUTPUT, DIFFERENTIAL ADC INPUT DRIVER
OPA699M
SGLS289A – MAY 2005 – REVISED MARCH 2006
APPLICATION INFORMATION (continued)
Figure 52 shows a simple ADC driver that operates on a single supply, and gives excellent distortion
performance. The limit voltages track the input range of the converter, completely protecting against input
overdrive. Note that the limiting voltages have been set 100 mV above/below the corresponding reference
voltage from the converter. This circuit also implements an improved distortion for an inverting gain of –2 using
external compensation.
Figure 52. Single Supply, Limiting ADC Input Driver
Figure 53 shows a differential ADC driver that takes advantage of the OPA699 limiters to protect the input of the
ADC. Two OPA699s are used. The first one is an inverting configuration at a gain of –2. The second one is in a
noninverting configuration at a gain of +2. See the Low Gain Compensation for Improved SFDR section for a
discussion of stability issues of the OPA699 operating at a gain less than four. Each amplifier is swinging 2 VPP
providing a 4-VPP differential signal to drive the input of the ADC. Limiters have been set 100 mV away from the
magnitude of each amplifier maximum signal to provide input protection for the ADC, while maintaining an
acceptable distortion level.
21
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com