Electronic Components Datasheet Search
  English  ▼

X  

OPA699MJD Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # OPA699MJD
Description  GAIN 4 STABLE WIDEBAND VOLTAGE LIMITING AMPLIFIER
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA699MJD Datasheet(HTML) 12 Page - Texas Instruments

Back Button OPA699MJD Datasheet HTML 8Page - Texas Instruments OPA699MJD Datasheet HTML 9Page - Texas Instruments OPA699MJD Datasheet HTML 10Page - Texas Instruments OPA699MJD Datasheet HTML 11Page - Texas Instruments OPA699MJD Datasheet HTML 12Page - Texas Instruments OPA699MJD Datasheet HTML 13Page - Texas Instruments OPA699MJD Datasheet HTML 14Page - Texas Instruments OPA699MJD Datasheet HTML 15Page - Texas Instruments OPA699MJD Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 32 page
background image
www.ti.com
Ambient Temperature (
°C)
-50
-25
75
50
25
0
100
5.0
4.5
4.0
3.5
3.0
Output Voltage Range
V
H = -VL = 4.3V
Common-Mode Input Range
G025
Ambient Temperature (
°C)
-50
-25
75
50
25
0
100
4.0
3.9
3.8
3.7
3.6
3.5
3.4
3.3
3.2
3.1
3.0
V
H
V
L
V
H and VL left open
Internal Default Limited Voltage
G026
Ambient Temperature (
°C)
-50
-25
0
75
50
25
100
20
18
16
14
12
10
100
98
96
94
92
90
Output Current, Sourcing
Supply Current
Output Current, Sinking
G028
Limiter Headroom (V)
0
1.0
0.5
4.0
4.5
3.5
3.0
2.5
2.0
1.5
5.0
100
75
50
25
0
-25
-50
-75
-100
Maximum Over Temperature
Minimum Over Temperature
Limiter Headroom = +V
S - VH
= V
L - (-VS)
Current = I
VH or -IVL
G027
OPA699M
SGLS289A – MAY 2005 – REVISED MARCH 2006
TYPICAL CHARACTERISTICS: V
S = ±5 V (continued)
T
A = 25°C, G = +6, RF = 750 Ω, and RL = 500 Ω, VH = –VL = 2 V, unless otherwise noted
VOLTAGE RANGES
LIMITED VOLTAGE RANGE
vs
vs
TEMPERATURE
TEMPERATURE
Figure 25.
Figure 26.
LIMITED INPUT BIAS CURRENT
SUPPLY AND OUTPUT CURRENTS
vs
vs
BIAS VOLTAGE
TEMPERATURE
Figure 27.
Figure 28.
12
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com