Electronic Components Datasheet Search
  English  ▼

X  

DAC5662MPFBREP Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # DAC5662MPFBREP
Description  DUAL 12-BIT 200-MSPS DIGITAL-TO-ANALOG CONVERTER
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC5662MPFBREP Datasheet(HTML) 21 Page - Texas Instruments

Back Button DAC5662MPFBREP Datasheet HTML 17Page - Texas Instruments DAC5662MPFBREP Datasheet HTML 18Page - Texas Instruments DAC5662MPFBREP Datasheet HTML 19Page - Texas Instruments DAC5662MPFBREP Datasheet HTML 20Page - Texas Instruments DAC5662MPFBREP Datasheet HTML 21Page - Texas Instruments DAC5662MPFBREP Datasheet HTML 22Page - Texas Instruments DAC5662MPFBREP Datasheet HTML 23Page - Texas Instruments DAC5662MPFBREP Datasheet HTML 24Page - Texas Instruments DAC5662MPFBREP Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
www.ti.com
4:1
100
Ω
100
Ω
RLOAD
50
Ω
AGND
IOUT2
IOUT1
Single-Ended Configuration
50
Ω
25
Ω
RLOAD
50
Ω
AGND
IOUT2
IOUT1
DAC5662-EP
SGLS340A – JUNE 2006 – REVISED OCTOBER 2006
APPLICATION INFORMATION (continued)
Figure 22. Driving a Doubly-Terminated 50-
Ω Cable Using a 4:1 Impedance Ratio Transformer
Figure 23 shows the single-ended output configuration, where the output current IOUT1 flows into an equivalent
load resistance of 25
Ω. Node I
OUT2 should be connected to AGND or terminated with a resistor of 25 Ω to
AGND. The nominal resistor load of 25
Ω gives a differential output swing of 1 V
PP when applying a 20-mA
full-scale output current.
Figure 23. Driving a Doubly-Terminated 50-
Ω Cable Using a Single-Ended Output
21
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com