Electronic Components Datasheet Search
  English  ▼

X  

DAC5662MPFBREP Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # DAC5662MPFBREP
Description  DUAL 12-BIT 200-MSPS DIGITAL-TO-ANALOG CONVERTER
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC5662MPFBREP Datasheet(HTML) 15 Page - Texas Instruments

Back Button DAC5662MPFBREP Datasheet HTML 11Page - Texas Instruments DAC5662MPFBREP Datasheet HTML 12Page - Texas Instruments DAC5662MPFBREP Datasheet HTML 13Page - Texas Instruments DAC5662MPFBREP Datasheet HTML 14Page - Texas Instruments DAC5662MPFBREP Datasheet HTML 15Page - Texas Instruments DAC5662MPFBREP Datasheet HTML 16Page - Texas Instruments DAC5662MPFBREP Datasheet HTML 17Page - Texas Instruments DAC5662MPFBREP Datasheet HTML 18Page - Texas Instruments DAC5662MPFBREP Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 29 page
background image
www.ti.com
DIGITAL INPUTS AND TIMING
Digital Inputs
DA[11:0]
DB[11:0]
SLEEP
CLKA/B
WRTA/B
Internal
Digital In
DVDD
DGND
GSET
MODE
Internal
Digital In
DVDD
DGND
Input Interfaces
DAC5662-EP
SGLS340A – JUNE 2006 – REVISED OCTOBER 2006
The data input ports of the DAC5662 accept a standard positive coding with data bit D11 being the most
significant bit (MSB). The converter outputs are specified to support a clock rate up to 200 MSPS. The best
performance is typically be achieved with a symmetric duty cycle for write and clock; however, the duty cycle
may vary as long as the timing specifications are met. Similarly, the setup and hold times may be chosen within
their specified limits.
All digital inputs of the DAC5662 are CMOS compatible. Figure 16 and Figure 17 show schematics of the
equivalent CMOS digital inputs of the DAC5662. The 12-bit digital data input follows the offset positive binary
coding scheme. The DAC5662 is designed to operate with a digital supply (DVDD) of 3 V to 3.6 V.
Figure 16. CMOS/TTL Digital Equivalent Input With Internal Pulldown Resistor
Figure 17. CMOS/TTL Digital Equivalent Input With Internal Pullup Resistor
The DAC5662 features two operating modes selected by the MODE pin (see Table 1).
•
For dual-bus input mode, the device essentially consists of two separate DACs. Each DAC has its own
separate data input bus, clock input, and data write signal (data latch-in).
•
In single-bus interleaved mode, the data should be presented interleaved at the I-channel input bus. The
Q-channel input bus is not used in this mode. The clock and write input are now shared by both DACs.
Table 1. Operating Modes
MODE PIN
Mode pin connected to DGND
Mode pin connected to DVDD
BUS INPUT
Single-bus interleaved mode, clock and write input equal for both DACs Dual-bus mode, DACs operate independently
15
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com