Electronic Components Datasheet Search
  English  ▼

X  

DAC5662MPFBREP Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # DAC5662MPFBREP
Description  DUAL 12-BIT 200-MSPS DIGITAL-TO-ANALOG CONVERTER
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC5662MPFBREP Datasheet(HTML) 1 Page - Texas Instruments

  DAC5662MPFBREP Datasheet HTML 1Page - Texas Instruments DAC5662MPFBREP Datasheet HTML 2Page - Texas Instruments DAC5662MPFBREP Datasheet HTML 3Page - Texas Instruments DAC5662MPFBREP Datasheet HTML 4Page - Texas Instruments DAC5662MPFBREP Datasheet HTML 5Page - Texas Instruments DAC5662MPFBREP Datasheet HTML 6Page - Texas Instruments DAC5662MPFBREP Datasheet HTML 7Page - Texas Instruments DAC5662MPFBREP Datasheet HTML 8Page - Texas Instruments DAC5662MPFBREP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
www.ti.com
FEATURES
APPLICATIONS
DESCRIPTION
DAC5662-EP
SGLS340A – JUNE 2006 – REVISED OCTOBER 2006
DUAL 12-BIT 200-MSPS DIGITAL-TO-ANALOG CONVERTER
•
High Spurious-Free Dynamic Range (SFDR):
85 dBc at 5 MHz
•
Controlled Baseline
•
High Third-Order Two-Tone Intermodulation
– One Assembly
(IMD3): 78 dBc at 15.1 and 16.1 MHz
– One Test Site
•
WCDMA Adjacent Channel Leakage Ratio
– One Fabrication Site
(ACLR): 70 dB at 30.72 MHz
•
Extended Temperature Performance of
•
Independent or Single Resistor Gain Control
–55
°C to 125°C
•
Dual or Interleaved Data
•
Enhanced Diminishing Manufacturing
•
On-Chip 1.2-V Reference
Sources (DMS) Support
•
Low Power: 330 mW
•
Enhanced Product-Change Notification
•
Power-Down Mode: 15 mW
•
Qualification Pedigree (1)
•
Package: 48-Pin Thin Quad Flat Pack (TQFP)
•
12-Bit Dual Transmit Digital-to-Analog
Converter (DAC)
•
200-MSPS Update Rate
•
Cellular Base Transceiver Station Transmit
•
Single Supply: 3 V to 3.6 V
Channel
(1)
Component qualification in accordance with JEDEC and
– CDMA: W-CDMA, CDMA2000, IS-95
industry standards to ensure reliable operation over an
extended temperature range. This includes, but is not limited
– TDMA: GSM, IS-136, EDGE/UWC-136
to, Highly Accelerated Stress Test (HAST) or biased 85/85,
•
Medical/Test Instrumentation
temperature cycle, autoclave or unbiased HAST,
electromigration, bond intermetallic life, and mold compound
•
Arbitrary Waveform Generators (ARB)
life. Such qualification testing should not be viewed as
•
Direct Digital Synthesis (DDS)
justifying use of this component beyond specified
performance and environmental limits.
•
Cable Modem Termination System (CMTS)
The DAC5662 is a monolithic, dual-channel 12-bit, high-speed digital-to-analog converter (DAC) with on-chip
voltage reference.
Operating with update rates of up to 200 MSPS, the DAC5662 offers exceptional dynamic performance, tight
gain, and offset matching characteristics that make it suitable in either I/Q baseband or direct IF communication
applications.
Each DAC has a high-impedance differential-current output, suitable for single-ended or differential
analog-output configurations. External resistors allow scaling the full-scale output current for each DAC
separately or together, typically between 2 mA and 20 mA. An accurate on-chip voltage reference is temperature
compensated and delivers a stable 1.2-V reference voltage. Optionally, an external reference may be used.
The DAC5662 has two 12-bit parallel input ports with separate clocks and data latches. For flexibility, the
DAC5662 also supports multiplexed data for each DAC on one port when operating in the interleaved mode.
The DAC5662 has been specifically designed for a differential transformer coupled output with a 50-
Ω doubly
terminated load. For a 20-mA full-scale output current a 4:1 impedance ratio (resulting in an output power of
4 dBm) and 1:1 impedance ratio transformer (–2-dBm output power) are supported.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2006, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - DAC5662MPFBREP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC5662MPFBREP TI2-DAC5662MPFBREP Datasheet
550Kb / 31P
DUAL 12-BIT 200-MSPS DIGITAL-TO-ANALOG CONVERTER
REVISED OCTOBER 2006
DAC5662MPFBREP.A TI2-DAC5662MPFBREP.A Datasheet
550Kb / 31P
DUAL 12-BIT 200-MSPS DIGITAL-TO-ANALOG CONVERTER
REVISED OCTOBER 2006
More results

Similar Description - DAC5662MPFBREP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC5662 TI-DAC5662 Datasheet
299Kb / 22P
DUAL, 12-BIT 200 MSPS DIGITAL-TO-ANALOG CONVERTER
DAC5672 TI-DAC5672 Datasheet
818Kb / 23P
DUAL, 14-BIT 200 MSPS DIGITAL - TO - ANALOG CONVERTER
DAC5652-EP TI1-DAC5652-EP Datasheet
643Kb / 27P
DUAL 10-BIT 200-MSPS DIGITAL-TO-ANALOG CONVERTER
DAC5662 TI1-DAC5662 Datasheet
680Kb / 25P
DUAL, 12-BIT 275 MSPS DIGITAL-TO-ANALOG CONVERTER
DAC5662A TI1-DAC5662A Datasheet
655Kb / 26P
DUAL, 12-BIT 275 MSPS DIGITAL-TO-ANALOG CONVERTER
DAC5672-EP TI1-DAC5672-EP Datasheet
1Mb / 27P
DUAL 14-BIT 200-MSPS DIGITAL-TO-ANALOG CONVERTER
logo
Analog Devices
AD9467 AD-AD9467 Datasheet
987Kb / 32P
16-Bit, 200 MSPS/250 MSPS Analog-to-Digital Converter
Rev. D
logo
Texas Instruments
DAC5652-EP TI-DAC5652-EP_15 Datasheet
636Kb / 28P
DUAL 10-BIT, 200 MSPS, DIGITAL-TO-ANALOG CONVERTER
DAC5662 TI-DAC5662_15 Datasheet
683Kb / 26P
DUAL, 12-BIT 275 MSPS DIGITAL-TO-ANALOG CONVERTER
DAC5672-EP TI-DAC5672-EP_15 Datasheet
1Mb / 28P
DUAL 14-BIT 200-MSPS DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com