Electronic Components Datasheet Search
  English  ▼

X  

DAC5662MPFBREP Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # DAC5662MPFBREP
Description  DUAL 12-BIT 200-MSPS DIGITAL-TO-ANALOG CONVERTER
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC5662MPFBREP Datasheet(HTML) 4 Page - Texas Instruments

  DAC5662MPFBREP Datasheet HTML 1Page - Texas Instruments DAC5662MPFBREP Datasheet HTML 2Page - Texas Instruments DAC5662MPFBREP Datasheet HTML 3Page - Texas Instruments DAC5662MPFBREP Datasheet HTML 4Page - Texas Instruments DAC5662MPFBREP Datasheet HTML 5Page - Texas Instruments DAC5662MPFBREP Datasheet HTML 6Page - Texas Instruments DAC5662MPFBREP Datasheet HTML 7Page - Texas Instruments DAC5662MPFBREP Datasheet HTML 8Page - Texas Instruments DAC5662MPFBREP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
www.ti.com
DAC5662-EP
SGLS340A – JUNE 2006 – REVISED OCTOBER 2006
DEVICE INFORMATION (continued)
TERMINAL FUNCTIONS
TERMINAL
I/O
DESCRIPTION
NAME
NO.
AGND
38
I
Analog ground
AVDD
47
I
Analog supply voltage
BIASJ_A
44
O
Full-scale output current bias for DACA
BIASJ_B
41
O
Full-scale output current bias for DACB
CLKA/CLKIQ
18
I
Clock input for DACA, CLKIQ in interleaved mode
CLKB/RESETIQ
19
I
Clock input for DACB, RESETIQ in interleaved mode
DA[11:0]
1–12
I
Data port A. DA11 is MSB and DA0 is LSB.
DB[11:0]
23–34
I
Data port B. DB11 is MSB and DB0 is LSB.
DGND
15, 21
I
Digital ground
DVDD
16, 22
I
Digital supply voltage
EXTIO
43
I/O
Internal reference output (bypass with 0.1
µF to AGND) or external reference input
GSET
42
I
Gain-setting mode: H = 1 resistor, L = 2 resistors. Internal pullup
IOUTA1
46
O
DACA current output. Full scale with all bits of DA high.
IOUTA2
45
O
DACA complementary current output. Full scale with all bits of DA low.
IOUTB1
39
O
DACB current output. Full scale with all bits of DB high.
IOUTB2
40
O
DACB complementary current output. Full scale with all bits of DB low.
MODE
48
I
Mode select: H = dual bus, L = interleaved. Internal pullup.
13, 14, 35,
NC
–
No connection
36
Sleep function control input: H = DAC in power-down mode, L = DAC in operating mode.
SLEEP
37
I
Internal pulldown.
WRTA/WRTIQ
17
I
Input write signal for PORT A (WRTIQ in interleaving mode)
WRTB/SELECTIQ
20
I
Input write signal for PORT B (SELECTIQ in interleaving mode)
4
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com