Electronic Components Datasheet Search
  English  ▼

X  

TSOT25 Datasheet(PDF) 9 Page - Diodes Incorporated

Part # TSOT25
Description  0.6V ENHANCED ADJUSTABLE PRECISION SHUNT REGULATOR
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

TSOT25 Datasheet(HTML) 9 Page - Diodes Incorporated

Back Button TSOT25 Datasheet HTML 5Page - Diodes Incorporated TSOT25 Datasheet HTML 6Page - Diodes Incorporated TSOT25 Datasheet HTML 7Page - Diodes Incorporated TSOT25 Datasheet HTML 8Page - Diodes Incorporated TSOT25 Datasheet HTML 9Page - Diodes Incorporated TSOT25 Datasheet HTML 10Page - Diodes Incorporated TSOT25 Datasheet HTML 11Page - Diodes Incorporated TSOT25 Datasheet HTML 12Page - Diodes Incorporated TSOT25 Datasheet HTML 13Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
ZXRE160
Document number: DS35688 Rev. 2 - 2
9 of 15
www.diodes.com
June 2012
© Diodes Incorporated
ZXRE160
A Product Line of
Diodes Incorporated
Application Information (cont.)
REF
OUT
V
V
=
Figure 6. 0.6V Series LDO Regulator
⎟
⎠
⎞
⎜
⎝
⎛ +
=
2
R
1
R
1
V
V
REF
OUT
Figure 7. 1.0V Series LDO Regulator
Design guide:
1.
Determine IOUT and choose a suitable transistor taking power dissipation into consideration.
2.
Determine IB from
)
1
h
(
I
I
(min)
FE
(max)
OUT
B
+
=
3.
Determine IR3 from
(min)
KA
I
B
I
3
R
I
+
≥
. The design of the ZXRE160 effectively means there is no IKA(min) limitation as in conventional
references. There is only an output leakage current which is a maximum of 1µA. Nevertheless, it is necessary to determine an IKA(min) to
ensure that the device operates within its linear range at all times. IKA(min) ≥ 10µA should be adequate for this.
4.
Determine R3 from
3
R
BE
OUT
IN
I
)
V
V
(
V
3
R
+
−
=
.
Although unlikely to be a problem, ensure that IR3 ≤ 15 mA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com