Electronic Components Datasheet Search
  English  ▼

X  

TSOT25 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # TSOT25
Description  0.6V ENHANCED ADJUSTABLE PRECISION SHUNT REGULATOR
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

TSOT25 Datasheet(HTML) 2 Page - Diodes Incorporated

  TSOT25 Datasheet HTML 1Page - Diodes Incorporated TSOT25 Datasheet HTML 2Page - Diodes Incorporated TSOT25 Datasheet HTML 3Page - Diodes Incorporated TSOT25 Datasheet HTML 4Page - Diodes Incorporated TSOT25 Datasheet HTML 5Page - Diodes Incorporated TSOT25 Datasheet HTML 6Page - Diodes Incorporated TSOT25 Datasheet HTML 7Page - Diodes Incorporated TSOT25 Datasheet HTML 8Page - Diodes Incorporated TSOT25 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
ZXRE160
Document number: DS35688 Rev. 2 - 2
2 of 15
www.diodes.com
June 2012
© Diodes Incorporated
ZXRE160
A Product Line of
Diodes Incorporated
Typical Applications Circuit
Pin Descriptions
Pin Name
Package Name
Pin Number
Function
SC70/ SOT353,
TSOT25
X2-DFN1520-6
PGND
1
1
Power Ground: Ground return for emitter of output transistor: Connect PGND and
GND together.
—
—
2
No connection
OUT
5
3
Output: Connect a capacitor close to device between OUT and GND for closed loop
stability. See the Applications Information section.
FB
4
4
Feedback Input. Threshold voltage 600mV nominal.
GND
2
5
Analog Ground: Ground return for reference and amplifier: Connect GND and PGND
together.
IN
3
6
Supply Input: Connect a 0.1
μF ceramic capacitor close to the device from IN to GND.
—
—
Flag
Floating or connect to GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com