Electronic Components Datasheet Search
  English  ▼

X  

TSOT25 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # TSOT25
Description  0.6V ENHANCED ADJUSTABLE PRECISION SHUNT REGULATOR
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

TSOT25 Datasheet(HTML) 1 Page - Diodes Incorporated

  TSOT25 Datasheet HTML 1Page - Diodes Incorporated TSOT25 Datasheet HTML 2Page - Diodes Incorporated TSOT25 Datasheet HTML 3Page - Diodes Incorporated TSOT25 Datasheet HTML 4Page - Diodes Incorporated TSOT25 Datasheet HTML 5Page - Diodes Incorporated TSOT25 Datasheet HTML 6Page - Diodes Incorporated TSOT25 Datasheet HTML 7Page - Diodes Incorporated TSOT25 Datasheet HTML 8Page - Diodes Incorporated TSOT25 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
ZXRE160
Document number: DS35688 Rev. 2 - 2
1 of 15
www.diodes.com
June 2012
© Diodes Incorporated
ZXRE160
A Product Line of
Diodes Incorporated
0.6V ENHANCED ADJUSTABLE PRECISION SHUNT REGULATOR
Description
The ZXRE160 is a 5-terminal adjustable shunt regulator offering
excellent temperature stability and output
handling capability. This
device offers an enhancement to the ZXRE060 part for use in a
comparator mode applications.
In shunt regulator mode, the ZXRE160 simplifies the design of
isolated low voltage DC-DC regulators. With its low 0.6V FB pin, it can
control the regulation of rails as low 0.6V. This makes the part ideal
for state of the art microprocessor, DSP and PLD core voltage
POL converters.
The device open-collector output can operate from 0.2V to 18V and
regulated output voltage can be set by selection of two external
divider resistors. Separating the input from the open collector output
enables the ZXRE160 to be used to make low-cost low drop-out
regulators operating at low input voltages.
The ZXRE160 is available in two grades with initial tolerances of 0.5%
and 1% for the A and standard grades respectively. It is available in
space saving low profile 5 pin SC70/SOT353, thin TSOT25 and very
small DFN1520 packages.
Features
•
Low reference voltage (VFB = 0.6V)
•
-40°C to +125°C temperature range
•
Reference voltage tolerance at +25°C
•
0.5% ZXRE160A
•
1%
ZXRE160
•
Typical temperature drift
•
<4 mV (0°C to +70°C)
•
<6 mV (-40°C to +85°C)
•
<12mV (-40°C to +125°C)
•
0.2V to 18V open-collector output
•
High power supply rejection
•
(>45dB at 300kHz)
•
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
•
Halogen and Antimony Free. “Green” Device (Note 3)
Pin Assignments
ZXRE160_H5 (SC70/SOT353) and
ZXRE160_ET5 (TSOT25)
ZXRE160_FT4 (X2-DFN1520-6)
Applications
•
Isolated DC-DC converters
•
Core voltage POL
•
Low Voltage Low-Dropout linear regulators
•
Shunt regulators
•
Adjustable voltage reference
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green" and Lead-free.
3. Halogen- and Antimony-free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
Top view
Top view
1
2
3
4
5
6
PGND
N/C
OUT
FB
GND
IN
Exposed flag floating or
connect to GND
Top view
1
2
3
4
5
6
PGND
N/C
OUT
FB
GND
IN
Exposed flag floating or
connect to GND
Top view


Similar Part No. - TSOT25

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
TSOT25 DIODES-TSOT25 Datasheet
188Kb / 14P
SUGGESTED PAD LAYOUT
Rev 43
TSOT25 DIODES-TSOT25 Datasheet
404Kb / 27P
SUGGESTED PAD LAYOUT
Rev 52
More results

Similar Description - TSOT25

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM431 NJRC-NJM431 Datasheet
216Kb / 5P
ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Toshiba Semiconductor
TA76431AS TOSHIBA-TA76431AS Datasheet
242Kb / 7P
ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Ceramate Technical
CP431 CERAMATE-CP431 Datasheet
347Kb / 9P
Adjustable Precision shunt Regulator
CP432 CERAMATE-CP432 Datasheet
367Kb / 10P
Adjustable Precision Shunt Regulator
logo
Taiwan Semiconductor Co...
TS431I TSC-TS431I Datasheet
776Kb / 13P
Adjustable Precision Shunt Regulator
logo
ACE Technology Co., LTD...
ACE431S ACE-ACE431S Datasheet
303Kb / 12P
Adjustable Precision Shunt Regulator
VER 1.2
logo
Diodes Incorporated
ZXRE060 DIODES-ZXRE060 Datasheet
396Kb / 10P
0.6V ADJUSTABLE PRECISION SHUNT REGULATOR
Rev 2
ZXRE060 DIODES-ZXRE060_11 Datasheet
414Kb / 12P
0.6V ADJUSTABLE PRECISION SHUNT REGULATOR
Rev 6
ZXRD060 DIODES-ZXRD060 Datasheet
823Kb / 12P
0.6V DUAL ADJUSTABLE PRECISION SHUNT REGULATOR
Rev 4
logo
Advanced Power Electron...
AP432 A-POWER-AP432 Datasheet
329Kb / 8P
Adjustable Precision Shunt Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com