Electronic Components Datasheet Search
  English  ▼

X  

TSOT25 Datasheet(PDF) 11 Page - Diodes Incorporated

Part # TSOT25
Description  0.6V ENHANCED ADJUSTABLE PRECISION SHUNT REGULATOR
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

TSOT25 Datasheet(HTML) 11 Page - Diodes Incorporated

Back Button TSOT25 Datasheet HTML 7Page - Diodes Incorporated TSOT25 Datasheet HTML 8Page - Diodes Incorporated TSOT25 Datasheet HTML 9Page - Diodes Incorporated TSOT25 Datasheet HTML 10Page - Diodes Incorporated TSOT25 Datasheet HTML 11Page - Diodes Incorporated TSOT25 Datasheet HTML 12Page - Diodes Incorporated TSOT25 Datasheet HTML 13Page - Diodes Incorporated TSOT25 Datasheet HTML 14Page - Diodes Incorporated TSOT25 Datasheet HTML 15Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
ZXRE160
Document number: DS35688 Rev. 2 - 2
11 of 15
www.diodes.com
June 2012
© Diodes Incorporated
ZXRE160
A Product Line of
Diodes Incorporated
Application Information (cont.)
REF
OUT
V
V
=
3
R
F
IN
I
)
2
.
0
V
(
V
3
R
+
−
=
)
MAX
(
F
3
R
I
I
mA
15
≤
≥
Figure 10. Opto-Isolated 0.6V Shunt Regulator
⎟
⎠
⎞
⎜
⎝
⎛ +
=
2
R
1
R
1
V
V
REF
OUT
3
R
F
IN
I
)
2
.
0
V
(
V
3
R
+
−
=
)
MAX
(
F
3
R
I
I
mA
15
≤
≥
Figure 11. Opto-Isolated 1.0V Shunt Regulator
VF and IF are forward voltage drop and forward current respectively for the optocoupler LED
More applications information is available in the following publications which can be found on Diodes’ web site.
AN58 - Designing with Diodes’ References – Shunt Regulation
AN59 - Designing with Diodes’ References – Series Regulation
AN60 - Designing with Diodes’ References – Fixed Regulators and Opto-Isolation
AN61 - Designing with Diodes’ References – Extending the operating voltage range
AN62 - Designing with Diodes’ References – Other Applications
AN63 - Designing with Diodes’ References – ZXRE060 Low Voltage Regulator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com