Electronic Components Datasheet Search
  English  ▼

X  

ADS5292IPFP Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5292IPFP
Description  Octal Channel 12-Bit, 80 MSPS and Low-Power ADC
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS5292IPFP Datasheet(HTML) 22 Page - Texas Instruments

Back Button ADS5292IPFP Datasheet HTML 18Page - Texas Instruments ADS5292IPFP Datasheet HTML 19Page - Texas Instruments ADS5292IPFP Datasheet HTML 20Page - Texas Instruments ADS5292IPFP Datasheet HTML 21Page - Texas Instruments ADS5292IPFP Datasheet HTML 22Page - Texas Instruments ADS5292IPFP Datasheet HTML 23Page - Texas Instruments ADS5292IPFP Datasheet HTML 24Page - Texas Instruments ADS5292IPFP Datasheet HTML 25Page - Texas Instruments ADS5292IPFP Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 67 page
background image
−80
−70
−60
−50
−40
−30
−20
−10
0.01
0.1
1
10
70
Frequency of signal on supply (MHz)
PSMR
PSRR
With 50mVpp signal
superimposed on AVDD supply
PSMR: 3MHz input signal applied
PSRR: No input signal applied
−0.2
−0.1
0.0
0.1
240
740
1240
1740
2240
2740
3240
3740
Output Codes (LSB)
40
50
60
70
80
90
0
10
20
30
40
50
60
70
Frequency of CMRR signal (MHz)
With 135mVpp signal superimposed on
input common−mode,
Fin = 3 MHz
ADS5292
SLAS788B – NOVEMBER 2011 – REVISED JULY 2012
www.ti.com
TYPICAL CHARACTERISTICS (continued)
Typical values are at 25°C, AVDD = 1.8 V, LVDD = 1.8 V, 50% clock duty cycle, –1 dBFS differential analog input, 12Bit/80
MSPS, ADC is configured in the internal reference mode, unless otherwise noted.
Figure 28. Differential Non-Linearity
Figure 29. CMRR Across Frequency
Figure 30. PSRR and PSMR Across Frequency
Figure 31. Filter Response, Decimate by 2
22
Submit Documentation Feedback
Copyright © 2011–2012, Texas Instruments Incorporated
Product Folder Link(s) :ADS5292



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com