Electronic Components Datasheet Search
  English  ▼

X  

ADS5292IPFP Datasheet(PDF) 35 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5292IPFP
Description  Octal Channel 12-Bit, 80 MSPS and Low-Power ADC
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS5292IPFP Datasheet(HTML) 35 Page - Texas Instruments

Back Button ADS5292IPFP Datasheet HTML 31Page - Texas Instruments ADS5292IPFP Datasheet HTML 32Page - Texas Instruments ADS5292IPFP Datasheet HTML 33Page - Texas Instruments ADS5292IPFP Datasheet HTML 34Page - Texas Instruments ADS5292IPFP Datasheet HTML 35Page - Texas Instruments ADS5292IPFP Datasheet HTML 36Page - Texas Instruments ADS5292IPFP Datasheet HTML 37Page - Texas Instruments ADS5292IPFP Datasheet HTML 38Page - Texas Instruments ADS5292IPFP Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 67 page
background image
ADS5292
www.ti.com
SLAS788B – NOVEMBER 2011 – REVISED JULY 2012
DESCRIPTION OF SERIAL REGISTERS
POWER-DOWN MODES
ADDR.
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
NAME
(HEX)
0F
X
X
X
X
X
X
X
X
PDN_CH<8:1>
X
PDN_PARTIAL
X
PDN_COMPLETE
X
PDN_PIN_CFG
Each of the 8 channels can be individually powered down. PDN_CH<N> controls the power-down mode for ADC
channel <N>. In addition to channel-specific power-down, the ADS5292 also has two global power-down modes:
1. The partial power-down mode. It partially powers down the chip; recovery from this mode is faster in 5 µs,
provided that the clock has been running for at least 50 µs before exiting this mode.
2. The complete power-down mode. It completely powers down the chip, and involves a much longer recovery
time 100 µs.
In addition to programming the chip in either of these two power-down modes (through either the PDN_PARTIAL
or PDN_COMPLETE bits), the PD pin itself can be configured as either a partial power-down pin or a complete
power-down pin control. For example, if PDN_PIN_CFG=0 (default), when the PD pin is high, the device enters
complete power-down mode. However, if PDN_PIN_CFG=1, when the PD pin is high, the device enters partial
power-down mode.
LOW FREQUENCY NOISE SUPPRESSION MODE
ADDR.
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
NAME
(HEX)
14
X
X
X
X
X
X
X
X
LFNS_CH<8:1>
The low frequency noise suppression mode is specifically useful in applications where good noise performance is
desired in the frequency band of 0 to 1 MHz (around DC). Setting this mode shifts the low-frequency noise of the
ADS5292 to approximately Fs/2, thereby, moving the noise floor around DC to a much lower value.
LFNS_CH<8:1> enables this mode individually for each channel. See Figure 38 and Figure 39.
ANALOG INPUT INVERT
ADDR.
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
NAME
(HEX)
24
X
X
X
X
X
X
X
X
INVERT_CH<8:1>
Copyright © 2011–2012, Texas Instruments Incorporated
Submit Documentation Feedback
35
Product Folder Link(s) :ADS5292



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com