Electronic Components Datasheet Search
  English  ▼

X  

ADS5292IPFP Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5292IPFP
Description  Octal Channel 12-Bit, 80 MSPS and Low-Power ADC
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS5292IPFP Datasheet(HTML) 3 Page - Texas Instruments

  ADS5292IPFP Datasheet HTML 1Page - Texas Instruments ADS5292IPFP Datasheet HTML 2Page - Texas Instruments ADS5292IPFP Datasheet HTML 3Page - Texas Instruments ADS5292IPFP Datasheet HTML 4Page - Texas Instruments ADS5292IPFP Datasheet HTML 5Page - Texas Instruments ADS5292IPFP Datasheet HTML 6Page - Texas Instruments ADS5292IPFP Datasheet HTML 7Page - Texas Instruments ADS5292IPFP Datasheet HTML 8Page - Texas Instruments ADS5292IPFP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 67 page
background image
1
2
3
4
5
6
7
9
10
8
11
12
13
14
15
16
17
18
19
20
21
22
23
24
34
33
32
30
28
27
26
25
36
35
40
39
38
37
29
31
80
79
78
77
67
69
71
73
74
76
61
62
64
70
66
65
68
63
72
75
ADS529X
80 TQFP
Thermal Pad
60
59
58
57
56
55
54
52
51
53
50
49
48
47
46
45
44
43
42
41
IN2p
IN2n
AGND
IN3p
IN3n
AGND
IN4p
IN4n
AVDD
PD
LVDD
LGND
OUT1A_p
OUT1A_n
OUT1B_p
OUT1B_n
OUT2A_p
OUT2A_n
OUT2B_p
OUT2B_n
OUT7B_p
OUT7B_n
OUT7A_p
OUT7A_n
OUT8B_p
OUT8B_n
OUT8A_p
OUT8A_n
LVDD
LGND
RESET
AVDD
IN5p
IN5n
AGND
IN6p
IN6n
AGND
IN7p
IN7n
ADS5292
www.ti.com
SLAS788B – NOVEMBER 2011 – REVISED JULY 2012
PIN CONFIGURATION
80-PIN TQFP WITH THERMAL PAD
PFP PACKAGE (TOP VIEW)
PIN FUNCTIONS
PIN
NUMBER
DESCRIPTION
OF PINS
NAME
NUMBER
5
AVDD
9, 52, 66, 71, 74
Analog power supply, 1.8 V
6
AGND
3, 6, 55, 58, 61, 80
Analog ground
2
LVDD
11, 49
Digital and I/O power supply, 1.8V
2
LGND
12, 50
Digital ground
1
CLKN
73
Negative differential clock –Tie CLKN to GND for single-ended clock
1
CLKP
72
Positive differential clock
2
LCLKP, LCLKN
31, 32
Differential LVDS bit clock (7X)
2
ACLKP, ACLKN
29, 30
Differential LVDS frame clock (1X)
2
IN1P, IN1N
78, 79
Differential input signal, Channel 1
2
IN2P, IN2N
1, 2
Differential input signal, Channel 2
2
IN3P, IN3N
4, 5
Differential input signal, Channel 3
2
IN4P, IN4N
7, 8
Differential input signal, Channel 4
2
IN5P, IN5N
53, 54
Differential input signal, Channel 5
2
IN6P, IN6N
56, 57
Differential input signal, Channel 6
2
IN7P, IN7N
59, 60
Differential input signal, Channel 7
2
IN8P, IN8N
62, 63
Differential input signal, Channel 8
2
OUT1A_P, OUT1A_N
13, 14
Differential LVDS data output, wire 1, channel 1
Copyright © 2011–2012, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s) :ADS5292



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com