Electronic Components Datasheet Search
  English  ▼

X  

ADS5292IPFP Datasheet(PDF) 47 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5292IPFP
Description  Octal Channel 12-Bit, 80 MSPS and Low-Power ADC
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS5292IPFP Datasheet(HTML) 47 Page - Texas Instruments

Back Button ADS5292IPFP Datasheet HTML 43Page - Texas Instruments ADS5292IPFP Datasheet HTML 44Page - Texas Instruments ADS5292IPFP Datasheet HTML 45Page - Texas Instruments ADS5292IPFP Datasheet HTML 46Page - Texas Instruments ADS5292IPFP Datasheet HTML 47Page - Texas Instruments ADS5292IPFP Datasheet HTML 48Page - Texas Instruments ADS5292IPFP Datasheet HTML 49Page - Texas Instruments ADS5292IPFP Datasheet HTML 50Page - Texas Instruments ADS5292IPFP Datasheet HTML 51Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 67 page
background image
ADS5292
www.ti.com
SLAS788B – NOVEMBER 2011 – REVISED JULY 2012
External Reference Mode of Operation
The ADS5292 supports an external reference mode of operation in one of two ways:
a. By forcing the reference voltages on the REFT and REFB pins.
b. By applying the reference voltage on VCM pin.
This mode can be used to operate multiple ADS5292 chips with the same (externally applied) reference voltage.
Using the REF pins:
For normal operation, the device requires two reference voltages, REFT and REFB. By default, the device
generates these two voltages internally. To enable the external reference mode, set the register bits as shown in
Table 6 . This powers down the internal reference amplifier and the two reference voltages can be forced directly
on the REFT and REFB pins as VREFT = 1.45 V ± 50 mV and VREFB = 0.45 V ±50 mV.
Note that the relation between the ADC full-scale input voltage and the applied reference voltages is
Full-scale input voltage = 2 x (VREFT – VREFB)
(4)
Using the VCM pin:
In this mode, an external reference voltage VREFIN can be applied to the VCM pin such that
Full-scale input voltage = 2 x VREFIN
(5)
To enable this mode, set the register bits as shown in Table 6. This changes the function of the VCM pin to an
external reference input pin. The voltage applied on VCM must be 1.5V ±50mV.
Table 6. External reference function
Function
EN_HIGH_ADDRS
EN_EXT_REF
EXT_REF_VCM
External reference using REFT/REFB pins
1
1
00
External reference using VCM pin
1
1
11
DATA OUTPUT FORMAT MODES
ADDR.
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
NAME
(HEX)
46
1
X
BTC_MODE
46
1
X
MSB_FIRST
The ADC output, by default, is in Straight offset binary mode. Programming the BTC_MODE bit to '1' inverts the
MSB, and the output becomes Binary 2’s complement mode. Also, by default, the first bit of the frame (following
the rising edge of CLKP) is the LSB of the ADC output. Programming the MSB_FIRST mode inverts the bit order
in the word, and the MSB is output as the first bit following CLKP rising edge.
Copyright © 2011–2012, Texas Instruments Incorporated
Submit Documentation Feedback
47
Product Folder Link(s) :ADS5292



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com