Electronic Components Datasheet Search
  English  ▼

X  

AM3703 Datasheet(PDF) 191 Page - Texas Instruments

Click here to check the latest version.
Part # AM3703
Description  AM3715, AM3703 Sitara ARM Microprocessors
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM3703 Datasheet(HTML) 191 Page - Texas Instruments

Back Button AM3703 Datasheet HTML 187Page - Texas Instruments AM3703 Datasheet HTML 188Page - Texas Instruments AM3703 Datasheet HTML 189Page - Texas Instruments AM3703 Datasheet HTML 190Page - Texas Instruments AM3703 Datasheet HTML 191Page - Texas Instruments AM3703 Datasheet HTML 192Page - Texas Instruments AM3703 Datasheet HTML 193Page - Texas Instruments AM3703 Datasheet HTML 194Page - Texas Instruments AM3703 Datasheet HTML 195Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 191 / 280 page
background image
AM3715, AM3703
www.ti.com
SPRS616F
– JUNE 2010 – REVISED AUGUST 2011
6.5.1.2
Parallel Camera Interface (CPI)
6.5.1.2.1 CPI
—Video and Graphics Digitizer 1.8V Mode
The imaging subsystem deals with the processing of the pixel data coming from an external image sensor
or from video and graphics digitizer. It is a key component for the following multimedia applications: video
preview, camera viewfinder, video record and still image capture. It supports RAW, RGB, and YUV data
processing.
Table 6-24 assumes testing over the recommended operating conditions and electrical characteristic
conditions below (see Figure 6-23 and Figure 6-24).
Table 6-23. CPI Timing Conditions
—Video and Graphics Digitizer 1.8-V Mode
TIMING CONDITION PARAMETER
VALUE
UNIT
MIN
MAX
Input Conditions
tR
Input signal rise time
80
1800
ps
tF
Input signal fall time
80
1800
ps
Table 6-24. CPI Timing Requirements
—Video and Graphics Digitizer 1.8-V Mode(4) (6)
NO.
PARAMETER
OPP100
UNIT
MIN
MAX
ISP1
1 / tc(pclk)
Frequency(1), input pixel clock cam_pclk
148.5
MHz
ISP2
tw(pclkL)
Typical pulse duration, input pixel clock cam_pclk low
0.5P(2)
ns
ISP3
tw(pclkH)
Typical pulse duration, input pixel clock cam_pclk high
0.5P(2)
ns
tdc(pclk)
Duty cycle error, input pixel clock cam_pclk
0.5*P(2) -
ns
3.247
tJ(pclk)
Cycle jitter(3), input pixel clock cam_pclk
0.06P(2)
ns
ISP4
tsu(vsV-pclkH)
Setup time, input vertical synchronization cam_vs valid before input
0.75
ns
pixel clock cam_pclk rising/falling edge
ISP5
th(pclkH-vsV)
Hold time, input vertical synchronization cam_vs valid after input pixel
0.96
ns
clock cam_pclk rising/falling edge
ISP6
tsu(hsV-pclkH)
Setup time, input horizontal synchronization cam_hs valid before input
0.75
ns
pixel clock cam_pclk rising/falling edge
ISP7
th(pclkH-hsV)
Hold time, input horizontal synchronization cam_hs valid after input
0.96
ns
pixel clock cam_pclk rising/falling edge
ISP8
tsu(dV-pclkH)
Setup time, input data cam_d[n:0](5) valid before input pixel clock
0.75
ns
cam_pclk rising/falling edge
ISP9
th(pclkH-dV)
Hold time, input data cam_d[n:0](5) valid after input pixel clock
0.96
ns
cam_pclk rising/falling edge
ISP10
tsu(wenV-pclkH)
Setup time, input write enable cam_wen valid before input pixel clock
0.75
ns
cam_pclk rising/falling edge
ISP11
th(pclkH-wenV)
Hold time, input write enable cam_wen valid after input pixel clock
0.96
ns
cam_pclk rising/falling edge
ISP12
tsu(fldV-pclkH)
Setup time, input field identification cam_fld valid before input pixel
0.75
ns
clock cam_pclk rising/falling edge
ISP13
th(pclkH-fldV)
Hold time, input field identification cam_fld valid after input pixel clock
0.96
ns
cam_pclk rising/falling edge
(1) Related with the input maximum frequency supported by the ISP module in 8-bit mode with 8 to 16 data bits conversion bridge enabled.
(2) P = cam_pclk period in ns
(3) Maximum cycle jitter supported by cam_pclk input clock
(4) The timing requirements are assured up to the cycle jitter and duty cycle error conditions specified.
(5) n = 11 (Data bus size is limited to 8 bits. So the bits configuration is either cam_d[7:0] or cam_d[11:4]). Lines not connected must be
tied low.
(6) See Section 4.3.4, Processor Clocks.
Copyright
© 2010–2011, Texas Instruments Incorporated
Timing Requirements and Switching Characteristics
191
Submit Documentation Feedback
Product Folder Link(s): AM3715 AM3703



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com