Electronic Components Datasheet Search
  English  ▼

X  

AM3703 Datasheet(PDF) 194 Page - Texas Instruments

Click here to check the latest version.
Part # AM3703
Description  AM3715, AM3703 Sitara ARM Microprocessors
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM3703 Datasheet(HTML) 194 Page - Texas Instruments

Back Button AM3703 Datasheet HTML 190Page - Texas Instruments AM3703 Datasheet HTML 191Page - Texas Instruments AM3703 Datasheet HTML 192Page - Texas Instruments AM3703 Datasheet HTML 193Page - Texas Instruments AM3703 Datasheet HTML 194Page - Texas Instruments AM3703 Datasheet HTML 195Page - Texas Instruments AM3703 Datasheet HTML 196Page - Texas Instruments AM3703 Datasheet HTML 197Page - Texas Instruments AM3703 Datasheet HTML 198Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 194 / 280 page
background image
AM3715, AM3703
SPRS616F
– JUNE 2010 – REVISED AUGUST 2011
www.ti.com
Table 6-26. CPI Timing Requirements
—12-Bit SYNC Normal Progressive Mode(4) (5)
NO.
PARAMETER
OPP100
OPP50
UNIT
MIN
MAX
MIN
MAX
ISP17
1 / tc(pclk)
Frequency(1), input pixel clock cam_pclk
75
45
MHz
ISP18
tw(pclkH)
Typical pulse duration, input pixel clock cam_pclk high
0.5P(2)
0.5P(2)
ns
ISP18
tw(pclkL)
Typical pulse duration, input pixel clock cam_pclk low
0.5P(2)
0.5P(2)
ns
tdc(pclk)
Duty cycle error, input pixel clock cam_pclk
0.5P(2) -
0.5P(2) -
ns
3.465
6.93
tJ(pclk)
Cycle jitter(3), input pixel clock cam_pclk
0.0649*P
0.0649*P
ns
(2)
(2)
ISP19
tsu(dV-pclkH)
Setup time, input data cam_d[11:0] valid before input
1.82
3.25
ns
pixel clock cam_pclk rising edge
ISP20
th(pclkH-dV)
Hold time, input data cam_d[11:0] valid after input
1.82
3.25
ns
pixel clock cam_pclk rising edge
ISP21
tsu(dV-vsH)
Setup time, input vertical synchronization cam_vs valid
1.82
3.25
ns
before input pixel clock cam_pclk rising edge
ISP22
th(pclkH-vsV)
Hold time, input vertical synchronization cam_vs valid
1.82
3.25
ns
after input pixel clock cam_pclk rising edge
ISP23
tsu(dV-hsH)
Setup time, input horizontal synchronization cam_hs
1.82
3.25
ns
valid before input pixel clock cam_pclk rising edge
ISP24
th(pclkH-hsV)
Hold time, input horizontal synchronization cam_hs
1.82
3.25
ns
valid after input pixel clock cam_pclk rising edge
ISP25
tsu(dV-hsH)
Setup time, input write enable cam_wen valid before
1.82
3.25
ns
input pixel clock cam_pclk rising edge
ISP26
th(pclkH-hsV)
Hold time, input write enable cam_wen valid after input
1.82
3.25
ns
pixel clock cam_pclk rising edge
(1) Related with the input maximum frequency supported by the ISP module.
(2) P = cam_pclk period in ns
(3) Maximum cycle jitter supported by cam_pclk input clock.
(4) The timing requirements are assured up to the cycle jitter and duty cycle error conditions specified.
(5) See Section 4.3.4, Processor Clocks.
194
Timing Requirements and Switching Characteristics
Copyright
© 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): AM3715 AM3703



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com