Electronic Components Datasheet Search
  English  ▼

X  

AM3703 Datasheet(PDF) 204 Page - Texas Instruments

Click here to check the latest version.
Part # AM3703
Description  AM3715, AM3703 Sitara ARM Microprocessors
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM3703 Datasheet(HTML) 204 Page - Texas Instruments

Back Button AM3703 Datasheet HTML 200Page - Texas Instruments AM3703 Datasheet HTML 201Page - Texas Instruments AM3703 Datasheet HTML 202Page - Texas Instruments AM3703 Datasheet HTML 203Page - Texas Instruments AM3703 Datasheet HTML 204Page - Texas Instruments AM3703 Datasheet HTML 205Page - Texas Instruments AM3703 Datasheet HTML 206Page - Texas Instruments AM3703 Datasheet HTML 207Page - Texas Instruments AM3703 Datasheet HTML 208Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 204 / 280 page
background image
SWPS038-055
dss_pclk
dss_vsync
dss_hsync
dss_acbias
dss_data[23:0]
DL4
DL5
DL3
DL0
DL2
DL1
AM3715, AM3703
SPRS616F
– JUNE 2010 – REVISED AUGUST 2011
www.ti.com
Table 6-36. DSS Switching Characteristics
—TFT Mode(4) (continued)
NO.
PARAMETER
OPP100
OPP50
UNIT
MIN
MAX
MIN
MAX
DL2
td(pclkA-acbiasA)
Delay time, output pixel clock dss_pclk active edge to
–4.215
4.215
–4.658
4.658
ns
output data enable dss_acbias active level
DL3
td(pclkA-dV)
Delay time, output pixel clock dss_pclk active edge to
–4.215
4.215
–4.658
4.658
ns
output data dss_data[23:0] valid
DL4
1 / tc(pclk)
Frequency(2), output pixel clock dss_pclk
74.3(3)
66(3)
MHz
DL5
tw(pclk)
Pulse duration, output pixel clock dss_pclk low or high
0.45P(1)
0.55P(1)
0.45P(1)
0.55P(1)
ns
(5)
(5)
(1) P = dss_pclk period in ns
(2) The pixel clock frequency is software programmable via the pixel clock divider configuration from 1 to 255 division range in the
DISPC_DIVISOR register.
(3) For the DSS (TFT mode) in HD-TV application, to run at full speed (74.3 MHz) it is recommended to use the dss_data[5:0] signals on
the dss_data[23:18] balls (H26, H25, E28, J26, AC27, AC28). In that case, the dss_data[23:18] signals are available on the sys_boot0,
sys_boot1, sys_boot3, sys_boot4, sys_boot5, and sys_boot6 balls (AH26, AG26, AF18, AF19, AE21, AF21) to run at full speed (74.3
MHz).
If the dss_data[5:0] signals are used on the dss_data[5:0] balls (AG22, AH22, AG23, AH23, AG24, AH24), OPP100 DSS (TFT mode)
are limited at 66 MHz. The values may change following the silicon characterization result.
(4) See Section 4.3.4, Processor Clocks.
(5) tW(pclk) = 0.66.P when DISPC_DIVISOR[6:0] PCD = 3.
(1)
The pixel data bus depends on the use of 8-, 9-, 12-, 16-, 18-, or 24-bit per pixel data output pins.
(2)
The pixel clock frequency is programmable.
(3)
All timings not illustrated in the waveform are progammable by software, and control signal polarity and driven edge of dss_pclk too.
(4)
For more information, see the DSS chapter in the AM/DM37x Multimedia Device Technical Reference Manual (literature number
SPRUGN4).
Figure 6-30. DSS
—TFT Mode
6.5.2.1.3 DSS
—Parallel Interface—Bypass Mode—STN Mode
Table 6-38 assumes testing over the recommended operating conditions and electrical characteristic
conditions below (see Figure 6-31).
Table 6-37. DSS Timing Conditions
—STN Mode
TIMING CONDITION PARAMETER
VALUE
UNIT
MIN
MAX
Output Condition
CLOAD
Output load capacitance(1)
40
pF
204
Timing Requirements and Switching Characteristics
Copyright
© 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): AM3715 AM3703



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com