Electronic Components Datasheet Search
  English  ▼

X  

AM3703 Datasheet(PDF) 205 Page - Texas Instruments

Click here to check the latest version.
Part # AM3703
Description  AM3715, AM3703 Sitara ARM Microprocessors
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM3703 Datasheet(HTML) 205 Page - Texas Instruments

Back Button AM3703 Datasheet HTML 201Page - Texas Instruments AM3703 Datasheet HTML 202Page - Texas Instruments AM3703 Datasheet HTML 203Page - Texas Instruments AM3703 Datasheet HTML 204Page - Texas Instruments AM3703 Datasheet HTML 205Page - Texas Instruments AM3703 Datasheet HTML 206Page - Texas Instruments AM3703 Datasheet HTML 207Page - Texas Instruments AM3703 Datasheet HTML 208Page - Texas Instruments AM3703 Datasheet HTML 209Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 205 / 280 page
background image
SWPS038-056
dss_pclk
dss_vsync
dss_hsync
dss_acbias
dss_data[23:0]
DL4
DL5
DL3
AM3715, AM3703
www.ti.com
SPRS616F
– JUNE 2010 – REVISED AUGUST 2011
(1) Buffer strength configuration: LB0 = 1
Table 6-38. DSS Switching Characteristics
—STN Mode(3) (4)
NO.
PARAMETER
OPP100
OPP50
UNIT
MIN
MAX
MIN
MAX
DL3
td(pclkA-dV)
Delay time, output pixel clock dss_pclk active
–6.868
6.868
–6.868
6.868
ns
edge to output data dss_data[7:0] valid
DL4
1 / tc(pclk)
Frequency(2), output pixel clock dss_pclk
44
44
MHz
DL5
tw(pclk)
Pulse duration, output pixel clock dss_pclk low
0.45P(1)
0.55P(1) (5)
0.45P(1)
0.55P(1)(5)
ns
or high
(1) P = dss_pclk period in ns
(2) The pixel clock frequency is software programmable via the pixel clock divider configuration from 1 to 255 division range in the
DISPC_DIVISOR register.
(3) The DSS in STN mode is used with 4 or 8 pins only; unused pixel data bits always remain low.
(4) See Section 4.3.4, Processor Clocks.
(5) tW(pclk) = 0.66P when DISPC_DIVISOR[6:0] PCD = 3.
(1)
The pixel data bus depends on the use of 4-, 8-, 12-, 16-, 18-, or 24-bit per pixel data output pins.
(2)
All timings not illustrated in the waveform are progammable by software, and control signal polarity and driven edge of dss_pclk too.
(3)
dss_vsync width must be programmed to be as small as possible.
(4)
The pixel clock frequency is programmable.
(5)
For more information, see the DSS chapter in the AM/DM37x Multimedia Device Technical Reference Manual (literature number
SPRUGN4).
Figure 6-31. DSS
—STN Mode
6.5.2.2
DSS
—Parallel Interface— RFBI Mode — Applications
6.5.2.2.1 DSS
—Parallel Interface—RFBI Mode— MIPI DBI-B 2.0 —LCD Panel
The Remote Frame Buffer Interface (RFBI) module provides the necessary control signals and data
(MIPI
® DBI 2.0 type B protocol) to interface to the LCD driver of the LCD panel.
Table 6-40 and Table 6-41 assume testing over the recommended operating conditions and electrical
characteristic conditions below (see Figure 6-32 through Figure 6-34).
Copyright
© 2010–2011, Texas Instruments Incorporated
Timing Requirements and Switching Characteristics
205
Submit Documentation Feedback
Product Folder Link(s): AM3715 AM3703



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com