Electronic Components Datasheet Search
  English  ▼

X  

AM3703 Datasheet(PDF) 209 Page - Texas Instruments

Click here to check the latest version.
Part # AM3703
Description  AM3715, AM3703 Sitara ARM Microprocessors
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM3703 Datasheet(HTML) 209 Page - Texas Instruments

Back Button AM3703 Datasheet HTML 205Page - Texas Instruments AM3703 Datasheet HTML 206Page - Texas Instruments AM3703 Datasheet HTML 207Page - Texas Instruments AM3703 Datasheet HTML 208Page - Texas Instruments AM3703 Datasheet HTML 209Page - Texas Instruments AM3703 Datasheet HTML 210Page - Texas Instruments AM3703 Datasheet HTML 211Page - Texas Instruments AM3703 Datasheet HTML 212Page - Texas Instruments AM3703 Datasheet HTML 213Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 209 / 280 page
background image
AM3715, AM3703
www.ti.com
SPRS616F
– JUNE 2010 – REVISED AUGUST 2011
6.5.2.2.2 DSS
—Parallel Interface—RFBI Mode—Pico DLP
The Remote Frame Buffer Interface (RFBI) module can provide also the necessary control signals and
data to interface to the Pico DLP driver of the Pico DLP panel. Table 6-42 assumes testing over the
recommended operating conditions and electrical characteristic conditions below (see Figure 6-35).
Table 6-42. DSS Timing Conditions
—RFBI Mode—Pico DLP
TIMING CONDITION PARAMETER
VALUE
UNIT
MIN
MAX
Output Condition
CLOAD
Output load capacitance(1)
5
pF
(1) Buffer strength configuration: LB0 = 0
To use Pico DLP application, RFBI register must be configured as shown in Table 6-43:
Table 6-43. DSS Register Configuration
—RFBI Mode—Pico DLP
DESCRIPTION
REGISTER AND BIT FIELD(1)
BIT
VALUES
Selection parallel mode
RFBI_CONFIGi and
[1:0]
0b11: 16-bit parallel output interface
ParallelMode
selected
Time Granularity (multiplies signal timing
RFBI_CONFIGi
[4]
0b0: x2 latency disable
latencies by 2).
andTimeGranularity
CS signal assertion time from Start Access
RFBI_ONOFF_TIMEi and
[3:0]
0b0000
Time
CSOnTime
CS signal de-assertion time from Start Access
RFBI_ONOFF_TIMEi and
[9:4]
0b000100: 4 cycles
Time
CSOffTime
WE signal assertion time from Start Access
RFBI_ONOFF_TIMEi and
[13:10]
0b0000
Time
WEOnTime
WE signal de-assertion time from Start Access
RFBI_ONOFF_TIMEi and
[19:14]
0b000010: 2 cycles
Time
WEOffTime
RE signal assertion time from Start Access
RFBI_ONOFF_TIMEi and
[23:20]
0b0000
Time
REOnTime
RE signal de-assertion time from Start Access
RFBI_ONOFF_TIMEi and
[29:24]
0b000000
Time
REOffTime
Write cycle time
RFBI_CYCLE_TIMEi and
[5:0]
0b000100: 4 cycles
WECycleTime
Read cycle time
RFBI_CYCLE_TIMEi and
[11:6]
0b000000
ReCycleTime
CS pulse width
RFBI_CYCLE_TIMEi and
[17:12]
0b000000
CSPulseWidth
Read to Write CS pulse width enable
RFBI_CYCLE_TIMEi and
[18]
0b0
RWEnable
Read to Read CS pulse width enable
RFBI_CYCLE_TIMEi and
[19]
0b0
RREnable
Write to Write CS pulse width enable
RFBI_CYCLE_TIMEi and
[20]
0b0
WWEnable
Write to Read CS pulse width enable
RFBI_CYCLE_TIMEi and
[21]
0b0
WREnable
From Start Access Time to CLK rising edge
RFBI_CYCLE_TIMEi and
[27:22]
0b000000
used for the first data capture
AccessTime
(1) i is equal to 0 or 1. For more information, see the DSS chapter in the AM/DM37x Multimedia Device Technical Reference Manual
(literature number SPRUGN4).
Copyright
© 2010–2011, Texas Instruments Incorporated
Timing Requirements and Switching Characteristics
209
Submit Documentation Feedback
Product Folder Link(s): AM3715 AM3703



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com