Electronic Components Datasheet Search
  English  ▼

X  

AM3703 Datasheet(PDF) 212 Page - Texas Instruments

Click here to check the latest version.
Part # AM3703
Description  AM3715, AM3703 Sitara ARM Microprocessors
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM3703 Datasheet(HTML) 212 Page - Texas Instruments

Back Button AM3703 Datasheet HTML 208Page - Texas Instruments AM3703 Datasheet HTML 209Page - Texas Instruments AM3703 Datasheet HTML 210Page - Texas Instruments AM3703 Datasheet HTML 211Page - Texas Instruments AM3703 Datasheet HTML 212Page - Texas Instruments AM3703 Datasheet HTML 213Page - Texas Instruments AM3703 Datasheet HTML 214Page - Texas Instruments AM3703 Datasheet HTML 215Page - Texas Instruments AM3703 Datasheet HTML 216Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 212 / 280 page
background image
AM3715, AM3703
SPRS616F
– JUNE 2010 – REVISED AUGUST 2011
www.ti.com
6.6
Serial Communications Interfaces
6.6.1
Multichannel Buffered Serial Port (McBSP)
NOTE
For more information, see Multi-Channel Buffered Serial Port chapter of the AM/DM37x
Multimedia Device Technical Reference Manual (literature number SPRUGN4).
The Multichannel Buffered Serial Port (McBSP) provides a full duplex direct serial interface between the
chip and other devices in a system such as other application chips, codecs. It can accommodate a wide
range of peripherals and clocked frame oriented protocols (I2S, PCM, T ) due to its high level of versatility.
McBSP may support two types of data transfer at the system level:
•
The full cycle mode, for which one clock period is used to transfer the data, generated on one edge
and captured on the same edge (one clock period later).
•
The half cycle mode, for which one half clock period is used to transfer the data, generated on one
edge and captured on the opposite edge (one half clock period later). Note that a new data is
generated only every clock period, which secures the required hold time.
The interface clock (clkx/clkr) activation edge (data/frame sync capture and generation) has to be
configured accordingly with the external peripheral (activation edge capability) and the type of data
transfer required at the system level.
Depending on the number of pins, McBSP supports either:
•
6-pin mode: dx and dr as data pins; clkx, clkr, fsx, and fsr as control pins
•
4-pin mode: dx and dr as data pins; clkx and fsx pins as control pins. The clkx and fsx pins are
internally looped back, via software configuration, respectively to the clkr and fsr internal signals for
data receive.
McBSP1 supports the 6-pin mode. McBSP2, 3, 4, and 5 support only the 4-pin mode.
The following sections describe the timing characteristics for applications in normal mode (that is, McBSPx
connected to one peripheral) and T applications in multipoint mode.
6.6.1.1
McBSP Timing Conditions
—Normal Mode
Table 6-46 through Table 6-70 assume testing over the recommended operating conditions and electrical
characteristic conditions below (see Figure 6-36 through Figure 6-43).
Table 6-45. McBSP Timing Conditions
—Normal Mode
TIMING CONDITION PARAMETER
VALUE
UNIT
Input Conditions
tR
Input signal rise time
2
ns
tF
Input signal fall time
2
ns
Output Condition
CLOAD
Output load capacitance(1)
10
pF
(1) Buffer strength configuration:
–
McBSP4 - Set #1: LB0 = 1.
–
Otherwise: LB0 = 0.
212
Timing Requirements and Switching Characteristics
Copyright
© 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): AM3715 AM3703



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com