Electronic Components Datasheet Search
  English  ▼

X  

AM3703 Datasheet(PDF) 210 Page - Texas Instruments

Click here to check the latest version.
Part # AM3703
Description  AM3715, AM3703 Sitara ARM Microprocessors
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM3703 Datasheet(HTML) 210 Page - Texas Instruments

Back Button AM3703 Datasheet HTML 206Page - Texas Instruments AM3703 Datasheet HTML 207Page - Texas Instruments AM3703 Datasheet HTML 208Page - Texas Instruments AM3703 Datasheet HTML 209Page - Texas Instruments AM3703 Datasheet HTML 210Page - Texas Instruments AM3703 Datasheet HTML 211Page - Texas Instruments AM3703 Datasheet HTML 212Page - Texas Instruments AM3703 Datasheet HTML 213Page - Texas Instruments AM3703 Datasheet HTML 214Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 210 / 280 page
background image
AM3715, AM3703
SPRS616F
– JUNE 2010 – REVISED AUGUST 2011
www.ti.com
Table 6-44. DSS Switching Characteristics
—RFBI Mode—Pico DLP(15)(17)(18)
PARAMETER
OPP100
OPP50
UNIT
MIN
MAX
MIN
MAX
tw(wrH)
Pulse duration, output write enable rfbi_wr high
A(1)
A(1)
ns
tw(wrL)
Pulse duration, output write enable rfbi_wr low
B(2)
B(2)
ns
td(a0-wrL)
Delay time, output command/data control rfbi_a0
C(3)
C(3)
ns
transition to output write enable rfbi_wr low
td(wrH-a0)
Delay time, output write enable rfbi_wr high to output
D(4)
D(4)
ns
command/data control rfbi_a0 transition
td(csx-wrL)
Delay time, output chip select rfbi_csx(14) low to output
E(5)
E(5)
ns
write enable rfbi_wr low
td(wrH-csxH)
Delay time, output write enable rfbi_wr high to output
F(6)
F(6)
ns
chip select rfbi_csx(14) high
td(dataV)
Output data rfbi_da[15:0](16) valid
G(7)
G(7)
ns
td(Skew)
Skew between output write enable falling rfbi_wr and
15.5
15.5
ns
output data rfbi_da[15:0](16) high or low
td(a0H-rdL)
Delay time, output command/data control rfbi_a0 high to
H(8)
H(8)
ns
output read enable rfbi_rd low
td(rdlH-a0)
Delay time, output read enable rfbi_rd high to output
I(9)
I(9)
ns
command/data control rfbi_a0 transition
tw(rdH)
Pulse duration, output read enable rfbi_rd high
J(10)
J(10)
ns
tw(rdL)
Pulse duration, output read enable rfbi_rd low
K(11)
K(11)
ns
td(rdL-csxL)
Delay time, output read enable rfbi_rd low to output chip
L(12)
L(12)
ns
select rfbi_csx(14) low
td(rdL-csxH)
Delay time, output read enable rfbi_rd low to output chip
M(13)
M(13)
ns
select rfbi_csx(14) high
tR(wr)
Rise time, output write enable rfbi_wr
7
7
ns
tF(wr)
Fall time, output write enable rfbi_wr
7
7
ns
tR(a0)
Rise time, output command/data control rfbi_a0
7
7
ns
tF(a0)
Fall time, output command/data control rfbi_a0
7
7
ns
tR(csx)
Rise time, output chip select rfbi_csx(14)
7
7
ns
tF(csx)
Fall time, output chip select rfbi_csx(14)
7
7
ns
tR(d)
Rise time, output data rfbi_da[15:0](16)
7
7
ns
tF(d)
Fall time, output data rfbi_da[15:0](16)
7
7
ns
tR(rd)
Rise time, output read enable rfbi_rd
7
7
ns
tF(rd)
Fall time, output read enable rfbi_rd
7
7
ns
CsOnTime
CS signal assertion time from Start Access Time -
0(19)
ns
RFBI_ONOFF_TIMEi Register
CsOffTime
CS signal de-assertion time from Start Access Time -
40(19)
ns
RFBI_ONOFF_TIMEi Register
WeOnTime
WE signal assertion time from Start Access Time -
0(19)
ns
RFBI_ONOFF_TIMEi Register
WeOffTime
WE signal de-assertion time from Start Access Time -
20(19)
ns
RFBI_ONOFF_TIMEi Register
ReOnTime
RE signal assertion time from Start Access Time -
-
ns
RFBI_ONOFF_TIMEi Register
ReOffTime
RE signal de-assertion time from Start Access Time -
-
ns
RFBI_ONOFF_TIMEi Register
WeCycleTime
Write cycle time - RFBI_CYCLE_TIMEi Register
40(19)
ns
ReCycleTime
Read cycle time - RFBI_CYCLE_TIMEi Register
-
ns
CsPulseWidth
CS pulse width - RFBI_CYCLE_TIMEi Register
0(19)
ns
210
Timing Requirements and Switching Characteristics
Copyright
© 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): AM3715 AM3703



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com