Electronic Components Datasheet Search
  English  ▼

X  

AM3703 Datasheet(PDF) 118 Page - Texas Instruments

Click here to check the latest version.
Part # AM3703
Description  AM3715, AM3703 Sitara ARM Microprocessors
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM3703 Datasheet(HTML) 118 Page - Texas Instruments

Back Button AM3703 Datasheet HTML 114Page - Texas Instruments AM3703 Datasheet HTML 115Page - Texas Instruments AM3703 Datasheet HTML 116Page - Texas Instruments AM3703 Datasheet HTML 117Page - Texas Instruments AM3703 Datasheet HTML 118Page - Texas Instruments AM3703 Datasheet HTML 119Page - Texas Instruments AM3703 Datasheet HTML 120Page - Texas Instruments AM3703 Datasheet HTML 121Page - Texas Instruments AM3703 Datasheet HTML 122Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 118 / 280 page
background image
AM3715, AM3703
SPRS616F
– JUNE 2010 – REVISED AUGUST 2011
www.ti.com
Table 3-2 summarizes the power consumption at the ball level.
Table 3-2. Maximum Current Ratings at Ball Level (3)
PARAMETER
MAX
UNIT
SIGNAL
DESCRIPTION
vdd_mpu_iva(7)
Maximum current rating for MPU
Processors
AM3715/AM3703 (1G
900(1)(4)
mA
domain
Hz)
AM3715/AM3703 (800M
800(5)
Hz)
vdd_core(1)
Maximum current rating for core
Core
AM3715
300
mA
domain
AM3703
230
vdds
Maximum current rating for 1.8-V I/O macros
60
mA
vdds_mem
Maximum current rating for memory buffers
35
mA
vdds_mmc1(2)
Maximum current rating for mmc1 dual voltage buffers
20
mA
vdds_x
Maximum current rating for GPIO dual voltage buffers
2
mA
vdda_wkup_bg_b Maximum current rating for wake-up, bandgap and VBB LDOs
5
mA
b
vdda_dac
Maximum current rating for video buffers and DAC
60
mA
vdda_dplls_dll
Maximum current rating for MPU, core DPLLs and DLL
30
mA
vdda_dpll_per
Maximum current rating for DPLLs (peripherals)
10
mA
vdds_sram
Maximum current rating for SRAM LDOs (common)
41
mA
(1) With SmartReflexTM enabled.
(2) MMC card and I/O card are not included.
(3) The maximum current ratings documented in this table are preliminary data which are subject to change.
(4) Conditions used for maximum current ratings are worst case:
–
TJ is up to 90C
–
Cold process is used
–
VDD1 (vdd_mpu_iva) supplies 1.38 V (maximum voltage supported)
(5) Conditions used for maximum current ratings are worst case:
–
TJ is up to 90C
–
Hot process is used
–
VDD1 (vdd_mpu_iva) nominal OPP voltage:
–
AM3715 (800M Hz): @1.27V
(6) This maximum vdd_mpu_iva current is observed at OPP1G operating point.
(7) Depending on the microprocessor chosen, the IVA feature may or may not be supported. See the Features section for more information
on device features.
118
Electrical Characteristics
Copyright
© 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): AM3715 AM3703



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com