Electronic Components Datasheet Search
  English  ▼

X  

AM3703 Datasheet(PDF) 122 Page - Texas Instruments

Click here to check the latest version.
Part # AM3703
Description  AM3715, AM3703 Sitara ARM Microprocessors
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM3703 Datasheet(HTML) 122 Page - Texas Instruments

Back Button AM3703 Datasheet HTML 118Page - Texas Instruments AM3703 Datasheet HTML 119Page - Texas Instruments AM3703 Datasheet HTML 120Page - Texas Instruments AM3703 Datasheet HTML 121Page - Texas Instruments AM3703 Datasheet HTML 122Page - Texas Instruments AM3703 Datasheet HTML 123Page - Texas Instruments AM3703 Datasheet HTML 124Page - Texas Instruments AM3703 Datasheet HTML 125Page - Texas Instruments AM3703 Datasheet HTML 126Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 280 page
background image
AM3715, AM3703
SPRS616F
– JUNE 2010 – REVISED AUGUST 2011
www.ti.com
Table 3-5. DC Electrical Characteristics (continued)
PARAMETER
MIN
NOM
MAX
UNIT
tTIN
(2)
Input transition time (tRIN or tFIN evaluated
Normal Mode
3
ns
between 10% and 90% at PAD)
(SPEEDCTRL
= 1)(4)
High-Speed
8
(SPEEDCTRL
= 0)(4)
COUT
Load capacitance
10
30
pF
LOUT
Line inductance (except vdds_mmc1)
16
nH
GPIO Mode (CBP Balls(19): P27 / P26 / R25)
1.8-V Mode
VIH
High-level input voltage
0.70 * vdds_x
vdds_x + 0.3
V
VIL
Low-level input voltage
–0.3
0.20 * vdds_x
V
VOH
High-level output voltage with 20-
μA sink current IOH
0.8 * vdds_x
vdds_x + 0.3
V
VOL
Low-level output voltage with 1-mA source current at vdds_x
–0.3
0.4
V
minimum
VHYS
(1)
Hysteresis voltage at an input
0.1
V
tTIN
(2)
Input transition time (tRIN or tFIN evaluated
Normal Mode
35
ns
between 10% and 90% at PAD)
(SPEEDCTRL
= 1)(4)
CIN
Input capacitance
2.5
pF
COUT
Load capacitance
30
pF
LOUT
Line inductance (except vdds_x)
16
nH
3.0-V Mode
VIH
High-level input voltage
0.70 * vdds_x
vdds_x + 0.3
V
VIL
Low-level input voltage
–0.3
0.20 * vdds_x
V
VOH
High-level output voltage with 20-
μA sink current IOH
0.7 * vdds_x
vdds_x + 0.3
V
VOL
Low-level output voltage with 1-mA source current at
–0.3
0.4
V
vdds_sim minimum
VHYS
(1)
Hysteresis voltage at an input
0.05
V
tTIN
(2)
Input transition time (tRIN or tFIN evaluated
Normal Mode
35
ns
between 10% and 90% at PAD)
(SPEEDCTRL
= 1)(4)
CIN
Input capacitance
2.5
pF
COUT
Load capacitance
30
pF
LOUT
Line inductance (except vdds_x)
16
nH
I2C Mode (CBP Balls(19): K21 / J21 / AF15 / AE15 / AF14 / AG14 / AD26 / AE26) (6)
Standard Mode
VIH
High-level input voltage
0.7 * vdds
vdds + 0.5
V
VIL
Low-level input voltage
–0.5
0.3 * vdds
V
VHYS
(1)
Hysteresis voltage at an input
0.15
V
VOL
Low-level output voltage open-drain at 3-mA sink current
NA(18)
NA(18)
V
II
Input current at each I/O pin with an input voltage between
–10
10
μA
0.1 * vdds to 0.9 * vdds
CI
Capacitance for each I/O pin
10
pF
tFOUT
(5)
Output fall time from VIHmin to VILmax with a bus capacitance
250
ns
CB from 10 pF to 400 pF
tROUT
(5)
Output rise time with a capacitive load from 10 pF to 150 pF
20 + 0.1CB
250
ns
with internal pullup
Fast Mode
VIH
High-level input voltage
0.7 * vdds
vdds + 0.5
V
VIL
Low-level input voltage
–0.5
0.3 * vdds
V
122
Electrical Characteristics
Copyright
© 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): AM3715 AM3703



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com