Electronic Components Datasheet Search
  English  ▼

X  

AM3703 Datasheet(PDF) 143 Page - Texas Instruments

Click here to check the latest version.
Part # AM3703
Description  AM3715, AM3703 Sitara ARM Microprocessors
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM3703 Datasheet(HTML) 143 Page - Texas Instruments

Back Button AM3703 Datasheet HTML 139Page - Texas Instruments AM3703 Datasheet HTML 140Page - Texas Instruments AM3703 Datasheet HTML 141Page - Texas Instruments AM3703 Datasheet HTML 142Page - Texas Instruments AM3703 Datasheet HTML 143Page - Texas Instruments AM3703 Datasheet HTML 144Page - Texas Instruments AM3703 Datasheet HTML 145Page - Texas Instruments AM3703 Datasheet HTML 146Page - Texas Instruments AM3703 Datasheet HTML 147Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 143 / 280 page
background image
DPLL_MPU
DPLL_CORE
DLL
DPLL5
DPLL4
vdda_dplls_dll
vdda_dpll_per
C
Noise Filter
C
Noise Filter
030-017
AM3715, AM3703
www.ti.com
SPRS616F
– JUNE 2010 – REVISED AUGUST 2011
4.3.3
DPLL and DLL Noise Isolation
The noise filters (decoupling capacitors) are required to suppress the switching noise generated by high
frequency and to stabilize the supply voltage.
A noise filter is most effective when it is close to the device, because this minimizes the inductance of the
circuit board wiring and interconnects.
Figure 4-8 illustrates an example of a noise filter.
A.
This circuit is provided only as an example.
B.
The filter must be located as close as possible to the device.
Figure 4-8. DPLL Noise Filter
Table 4-17 specifies the noise filter requirements.
Table 4-17. DPLL Noise Filter Requirements(1)
NAME
MIN
TYP
MAX
UNIT
Filtering capacitor
50
100
150
nF
(1) For more information, see IO and Analog Voltage Decoupling Capacitors.
4.3.4
Processor Clocks
Table 4-18 through Table 4-20 show the clocks AC performance values.
Table 4-18. Processor Voltages Without SmartReflexTM
RETENTIO
OPP50
OPP100
OPP130(3)
N
MIN
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
VDD1(1) (2)
0.8
0.92
0.97
1.02
1.08
1.14
1.2
1.21
1.27
1.33
(V)
(1) At ball level.
(2) Minimum OPP voltage values defined in this table include any voltage transient.
(3) OPP130 is not available above TJ of 90C.
Table 4-19. Processor Voltages With SmartReflexTM
RETENTIO
OPP50
OPP100
OPP130(4)
OPP1G (4) (5)(6)
N
MIN
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
Copyright
© 2010–2011, Texas Instruments Incorporated
Clock Specifications
143
Submit Documentation Feedback
Product Folder Link(s): AM3715 AM3703



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com