Electronic Components Datasheet Search
  English  ▼

X  

AM3703 Datasheet(PDF) 144 Page - Texas Instruments

Click here to check the latest version.
Part # AM3703
Description  AM3715, AM3703 Sitara ARM Microprocessors
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM3703 Datasheet(HTML) 144 Page - Texas Instruments

Back Button AM3703 Datasheet HTML 140Page - Texas Instruments AM3703 Datasheet HTML 141Page - Texas Instruments AM3703 Datasheet HTML 142Page - Texas Instruments AM3703 Datasheet HTML 143Page - Texas Instruments AM3703 Datasheet HTML 144Page - Texas Instruments AM3703 Datasheet HTML 145Page - Texas Instruments AM3703 Datasheet HTML 146Page - Texas Instruments AM3703 Datasheet HTML 147Page - Texas Instruments AM3703 Datasheet HTML 148Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 144 / 280 page
background image
AM3715, AM3703
SPRS616F
– JUNE 2010 – REVISED AUGUST 2011
www.ti.com
Table 4-19. Processor Voltages With SmartReflexTM (continued)
RETENTIO
OPP50
OPP100
OPP130(4)
OPP1G (4) (5)(6)
N
VDD1(1) (2)
0.8
0.92
0.97
1.02
1.08
1.14
1.2
1.21
1.27
1.33
1.28
1.33
1.38
(3) (V)
(1) At ball level.
(2) These VDD1 (vdd_mpu_iva) values are the required voltage ranges prior to enabling the SmartReflex AVS feature. After calibration, the
minimum voltage may be lower than this specification.
(3) Minimum OPP voltage values defined in this table include any voltage transient.
(4) OPP130 and OPP1G are not available above TJ of 90C.
(5) OPP1G is a high performance operating point which has following requirements:
–
ABB LDO must be set to FBB (Forward Body Bias) mode when switching to this OPP. It requires having a 1
μF capacitor connected
to cap_vdd_bb_mpu_iva.
–
AVS (Adaptive Voltage Scaling) power technique must be used to achieve optimum operating voltage.
(6) Based on DM3730 PCB constraints, the vdd_mpu_iva (VDD1) voltage value calibrated before enabling SmartReflex
™ is recommended
to be 1.38V. Minimum (1.28V) and typical (1.33V) values provided can be achieved only with very good power delivery network design.
For more information on vdd_mpu_iva power delivery network design requirements, see the PCB Design Requirements for
VDD_MPU_IVA Power Distribution Network for TI OMAP3630, AM37xx, and DM37xx Microprocessors (SPRABJ7) application note.
Table 4-20. Processor Clocks
OPP50
OPP100
OPP130
OPP1G (2)
Description
Source Clock
Max
Ratio
Max
Ratio
Max
Ratio
Max
Ratio
Freq.(MHz)
Freq.(MHz)
Freq.(MHz)
Freq.(MHz)
DPLL1
-
1200
-
1200
-
1600
-
2000
-
Locked
Frequency
DPLL1CLKO
DPLL1
300
2 *(M2 =
600
2 *(M2 =
800
2 *(M2 =
1000
2 *(M2 =
UT_M2
Locked
2)(1)(4)
1)(1)(4)
1)(1)(4)
1)(1)(4)
Frequency
ARM_FCLK
DPLL1CLKO
300
1
600
1
800
1
1000
1
UT_M2
(1) This ratio is configurable by software programming. For more information, see the AM/DM37x Multimedia Device Technical Reference
Manual (SPRUGN4).
(2) OPP1G is a high performance operating point which has following requirements:
–
ABB LDO must be set to FBB (Forward Body Bias) mode when switching to this OPP. It requires having a 1
μF capacitor connected
to cap_vdd_bb_mpu_iva.
–
AVS (Adaptive Voltage Scaling) power technique must be used to achieve optimum operating voltage.
(3) For more information about ARM_FCLK and IVA2_CLK processor clocks configuration, see the Power, Reset, and Clock Management /
PRCM Functional Description / PRCM Clock Manager Functional Description / Clock Configurations / Processor Clock Configurations
section or the MPU Subsystem / MPU Subsystem Integration / MPU Subsystem Clock and Reset Distribution / Clock Distribution section
of the AM/DM37x Multimedia Device Technical Reference Manual (SPRUGN4).
(4) The DPLL ratios documented in this table are recommended ratios. Other values may apply.
144
Clock Specifications
Copyright
© 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): AM3715 AM3703



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com