Electronic Components Datasheet Search
  English  ▼

X  

AM3703 Datasheet(PDF) 151 Page - Texas Instruments

Click here to check the latest version.
Part # AM3703
Description  AM3715, AM3703 Sitara ARM Microprocessors
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM3703 Datasheet(HTML) 151 Page - Texas Instruments

Back Button AM3703 Datasheet HTML 147Page - Texas Instruments AM3703 Datasheet HTML 148Page - Texas Instruments AM3703 Datasheet HTML 149Page - Texas Instruments AM3703 Datasheet HTML 150Page - Texas Instruments AM3703 Datasheet HTML 151Page - Texas Instruments AM3703 Datasheet HTML 152Page - Texas Instruments AM3703 Datasheet HTML 153Page - Texas Instruments AM3703 Datasheet HTML 154Page - Texas Instruments AM3703 Datasheet HTML 155Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 151 / 280 page
background image
AM3715, AM3703
www.ti.com
SPRS616F
– JUNE 2010 – REVISED AUGUST 2011
Table 5-1. DAC
– Static Electrical Specifications(8) (continued)
PARAMETER
CONDITIONS/ASSUMPTIONS
MIN
TYP
MAX
UNIT
POWER CONSUMPTION
Ivdda-up
Analog Supply
DC mode No
Average current on vdda_dac, no
4.5
6.5
8.5
mA
Current(4)
load
load, 2 channels
Input code 50 (maximum output
AC mode No
19
28
37
voltage)
load
Full load 75-
Ω
19
28
37
load
Ivdda-up (peak)
Peak analog supply current
Lasts less than 1 ns
60
mA
Ivdd-up
Digital supply current(5)
Average current, measured at fCLK
2
mA
= 54 MHz,
fOUT = 2 MHz sine wave, vdd = 1.1
V
Ivdd-up (peak)
Peak digital supply current(6)
Peak current, full-scale transition
8
mA
lasting less than 1 ns
Ivdda-down
(9)
Analog supply current, total power
T = 30
ºC, vdda_dac = 1.8 V, no
12
μA
down(9)
load
Ivdda-stdby
(9)
Analog supply current, standby mode(9)
Bandgap and internal LDO are ON,
90
180
270
μA
all other analog blocks are OFF, no
load, T = 30 C
º
Ivdd-down(pm)
(9)
Digital supply current, total power
T = 30
ºC, Full
Low-swing mode
2
μA
down(9)
or Partial Power
High-swing mode
6
Management
Ivdd-down(nopm)
Digital supply current, total power down
T = 30
ºC, VDD = 1.1 V, no Power
60
μA
(no power management)
Management
(1) The INL is measured at the output of the DAC (accessible at an external pin during bypass mode). The INL at code 783 equals 0.
(2) The DNL is measured at the output of the DAC (accessible at an external pin during bypass mode). The INL at code 783 equals 0.
(3) Reference PSR measures the effect of a supply disturbance at cvideo1_out and cvideo2_out.
(4) The analog supply current Ivdda is directly proportional to the full-scale output current IFS and is insensitive to fCLK.
(5) The digital supply current IVDD is dependent on the digital input waveform, the DAC update rate fCLK, and the digital supply VDD.
(6) The peak digital supply current occurs at full-scale transition for duration less than 1 ns.
(7) See Section 5.6, Analog Supply (vdda_dac) Noise Requirements, for actual maximum ripple allowed on vdda_dac.
(8) For more information on code range definition, see Figure 5-4.
(9) For more information on AVDAC power-up, power-down, and standby mode configurations, see Display Subsystem / Display
Subsystem Functional Description / Video Encoder Functionalities / Video DAC Stage Power Management section of AM/DM37x
Technical Reference Manual (literature number SPRUGN4).
NOTE
High-swing mode is the default mode. The low-swing mode is not compliant with the NTSC
and PAL video-standards. It is used only for backwards compatibility to AM/DM37x.
Copyright
© 2010–2011, Texas Instruments Incorporated
Video DAC Specifications
151
Submit Documentation Feedback
Product Folder Link(s): AM3715 AM3703



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com