Electronic Components Datasheet Search
  English  ▼

X  

AM3703 Datasheet(PDF) 153 Page - Texas Instruments

Click here to check the latest version.
Part # AM3703
Description  AM3715, AM3703 Sitara ARM Microprocessors
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM3703 Datasheet(HTML) 153 Page - Texas Instruments

Back Button AM3703 Datasheet HTML 149Page - Texas Instruments AM3703 Datasheet HTML 150Page - Texas Instruments AM3703 Datasheet HTML 151Page - Texas Instruments AM3703 Datasheet HTML 152Page - Texas Instruments AM3703 Datasheet HTML 153Page - Texas Instruments AM3703 Datasheet HTML 154Page - Texas Instruments AM3703 Datasheet HTML 155Page - Texas Instruments AM3703 Datasheet HTML 156Page - Texas Instruments AM3703 Datasheet HTML 157Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 153 / 280 page
background image
ST
ANDARD
VIDEO
RANGE
TVOUT
10-bit
DAC code
IRE
units
Normal
mode
0
50
111
223
741
783
895
1007
1023
140
131
120
100
20
7.5
0
-20
-40
1.3 V *
pp
Sync level
Black level
Blanking level
Peak level
White level
SWPS038-130
AM3715, AM3703
www.ti.com
SPRS616F
– JUNE 2010 – REVISED AUGUST 2011
Figure 5-4 describes the composite video signal levels.
Figure 5-4. Composite Video Signal Levels(1)(2)
(1) The 1.3 VPP (peak-to-peak) is referring to the output signal at cvideo1_out in the DAC + Buffer composite-video mode.
Note that the 1.3 VPP must apply to both cvideo1_out and cvideo2_out in DAC + Buffer s-video mode (dual-DAC mode configured for ac
or dc coupling).
(2) In AVDAC normal mode (DAC + Buffer), higher values of the DAC input code provided by the Video Encoder will result in lower output
voltage due to the inverting configuration of the TVOUT Buffer. See Figure 5-4 for more details on the relation between the composite
video signal levels and the DAC code values for normal mode of operation.
In AVDAC bypass mode (DAC only), higher values of the DAC input code will result in higher output voltage, as the TVOUTBuffer path
is bypassed.
5.5
TVOUT Bypass Mode Specifications (DAC-Only) Electrical Specifications Over
Recommended Operating Conditions
NOTE
The electrical characteristics for single- and dual-channel bypass modes are the same
except that the active current will double in the dual-channel configuration.
Copyright
© 2010–2011, Texas Instruments Incorporated
Video DAC Specifications
153
Submit Documentation Feedback
Product Folder Link(s): AM3715 AM3703



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com