Electronic Components Datasheet Search
  English  ▼

X  

CDCM7005-SP Datasheet(PDF) 31 Page - Texas Instruments

Click here to check the latest version.
Part # CDCM7005-SP
Description  3.3-V HIGH PERFORMANCE RAD-TOLERANT CLASS V, CLOCK SYNCHRONIZER AND JITTER CLEANER
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDCM7005-SP Datasheet(HTML) 31 Page - Texas Instruments

Back Button CDCM7005-SP Datasheet HTML 27Page - Texas Instruments CDCM7005-SP Datasheet HTML 28Page - Texas Instruments CDCM7005-SP Datasheet HTML 29Page - Texas Instruments CDCM7005-SP Datasheet HTML 30Page - Texas Instruments CDCM7005-SP Datasheet HTML 31Page - Texas Instruments CDCM7005-SP Datasheet HTML 32Page - Texas Instruments CDCM7005-SP Datasheet HTML 33Page - Texas Instruments CDCM7005-SP Datasheet HTML 34Page - Texas Instruments CDCM7005-SP Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 41 page
background image
CDCM7005-SP
www.ti.com
SGLS390E – JULY 2009 – REVISED AUGUST 2012
•
Hold-Function (Word 3, Bit 9): Selects HOLD function (see more details below).
•
Hold-Trigger (Word 3, Bit 11): Defines whether the HOLD function is always activated (Bit 11 = [1]) or whether
it is dependent on the state of the analog PLL lock detect output (Bit 11 = [0]). In the latter case, HOLD is
activated, if lock is set (high) and de-activated if Lock is reset (low).
•
Analog PLL Lock Detect (Word 1, Bit 29): Analog lock output charges or discharges an external capacitor with
every valid lock cycle. The time constant for Lock detect can be set by the value of the capacitor.
The CDCM7005 supports two types of HOLD functions, one external controllable HOLD mode and one internal
mode, HOLD.
With the external HOLD function the charge pump can directly be switched into 3-state (pin 40 can be
programmed for HOLD [Word 2, Bit 29]). This function is also available via SPI register (Word 2, Bit 31).
If logic low is applied to the HOLD pin, the charge pump will be switched to 3-state. After the HOLD pin is
released, the charge pump is switched back in to normal operation with the next valid reference clock cycle at
PRI_REF or SEC_REF and the next valid feedback clock cycle at the PFD. During HOLD, the P divider and all
outputs Yx are at normal operation.
HOLD-Over-Function: The PLL has to be in lock to start the HOLD function. It switches the charge pump in to 3-
State when an out-of-lock event occurs. It leaves the 3-state charge pump state when the reference clock is
back. Then it starts a locking sequence of 64 cycles before it goes back to the beginning of the HOLD-over loop.
The dedicated looking sequence and a digital phase alignment enable a fast lock.
Copyright © 2009–2012, Texas Instruments Incorporated
Submit Documentation Feedback
31
Product Folder Link(s) :CDCM7005-SP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com