Electronic Components Datasheet Search
  English  ▼

X  

CDCM7005-SP Datasheet(PDF) 33 Page - Texas Instruments

Click here to check the latest version.
Part # CDCM7005-SP
Description  3.3-V HIGH PERFORMANCE RAD-TOLERANT CLASS V, CLOCK SYNCHRONIZER AND JITTER CLEANER
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDCM7005-SP Datasheet(HTML) 33 Page - Texas Instruments

Back Button CDCM7005-SP Datasheet HTML 29Page - Texas Instruments CDCM7005-SP Datasheet HTML 30Page - Texas Instruments CDCM7005-SP Datasheet HTML 31Page - Texas Instruments CDCM7005-SP Datasheet HTML 32Page - Texas Instruments CDCM7005-SP Datasheet HTML 33Page - Texas Instruments CDCM7005-SP Datasheet HTML 34Page - Texas Instruments CDCM7005-SP Datasheet HTML 35Page - Texas Instruments CDCM7005-SP Datasheet HTML 36Page - Texas Instruments CDCM7005-SP Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 41 page
background image
T0076-01
PFDPulse
WidthDelay
PFDPulse
WidthDelay
0V
V
CC
PRI_REForSEC_REF
ClockFedThroughthe
MDividerandDelay
VCXO_INClockFedThrough
theNDividerandDelay
CP_DIR(Bit2ofWord2=0,
DefaultState)
CP_DIR(Bit2ofWord2=1)
V
(InternalSignal)
(PFD1)
V
(InternalSignal)
(PFD2)
CDCM7005-SP
www.ti.com
SGLS390E – JULY 2009 – REVISED AUGUST 2012
Charge Pump Current Direction
The direction of the charge pump (CP) current pulse can be changed by the SPI register (word 2, bit 2). It
determines in which direction the CP current regulates (reference clock leads to feedback clock). Most
applications use the positive CP output current (power-up condition) because of the use of a passive loop filter.
The negative CP current is useful when using an active loop filter concept with inverting operational amplifier.
Figure 25 shows the internal PFD signal and the corresponding CP current.
NOTE: The purpose of the PFD pluse width delay is to improve spurious suppression.
Figure 25. Charge Pump Current Direction (VCXO and VCO Support)
Copyright © 2009–2012, Texas Instruments Incorporated
Submit Documentation Feedback
33
Product Folder Link(s) :CDCM7005-SP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com