Electronic Components Datasheet Search
  English  ▼

X  

CDCM7005-SP Datasheet(PDF) 36 Page - Texas Instruments

Click here to check the latest version.
Part # CDCM7005-SP
Description  3.3-V HIGH PERFORMANCE RAD-TOLERANT CLASS V, CLOCK SYNCHRONIZER AND JITTER CLEANER
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDCM7005-SP Datasheet(HTML) 36 Page - Texas Instruments

Back Button CDCM7005-SP Datasheet HTML 32Page - Texas Instruments CDCM7005-SP Datasheet HTML 33Page - Texas Instruments CDCM7005-SP Datasheet HTML 34Page - Texas Instruments CDCM7005-SP Datasheet HTML 35Page - Texas Instruments CDCM7005-SP Datasheet HTML 36Page - Texas Instruments CDCM7005-SP Datasheet HTML 37Page - Texas Instruments CDCM7005-SP Datasheet HTML 38Page - Texas Instruments CDCM7005-SP Datasheet HTML 39Page - Texas Instruments CDCM7005-SP Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 41 page
background image
CDCM7005-SP
SGLS390E – JULY 2009 – REVISED AUGUST 2012
www.ti.com
In-Band Noise Performance
Table 4.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
pnin-band In-band phase noise test conditions
–95
dBc/Hz
Y = 900 MHz, fPFD = 400 kHz, Loop
Phase noise floor at 400 kHz fPFD, in-band
pnf400
BW = 27 kHz, Feedback Divider = 8 x 282
–162
dBc/Hz
noise – 20log(feedback div) (1)
(N x P), fREF_IN = 10 MHz; M-Divider = 25,
Phase noise floor at 1 Hz fPFD, in-band
ICP = 3 mA
pnf1
–218
dBc/Hz
noise – 20log(feedback div) – 10log(fPFD)
(2)
(1)
The synthesizer phase noise floor can be estimated by measuring the in-band noise at the output of the CDCM7005 and subtracting
20log(Feedback Divider) N (in case of CDCM7005 it is the N+P divider). The calculated phase noise floor still based on the PFD update
frequency, in the above specification, is 400 kHz.
(2)
The in-band noise can also be normalized to a comparison frequency of 1 Hz. The resulting phase noise floor is: pnfloor = PNmeasured
- 20log(N+P) - 10log(fPFD)
where:
pnNfloor = normalized phase noise floor in dBc/Hz
PNmeasured = in-band phase noise measurement in dBc/Hz
20log(N+P) = divider ratio of feedback loop
10log(fPFD) = PFD update frequency in Hz
APPLICATION INFORMATION ON THE CLOCK GENERATION FOR INTERPOLATING DACS
WITH THE CDCM7005
The CDCM7005, with its specified phase noise performance, is an ideal sampling clock generator for high speed
ADCs and DACs. The CDCM7005 is especially of interest for the new high speed DACs, which have integrated
interpolation filter. Such DACs achieve sampling rates up to 500 MSPS. This high data rate can typically not be
supported from the digital side driving the DAC (e.g., DUC, digital up-converter). Therefore, one approach to
interface the DUC to the DAC is the integration of an interpolation filter within the DAC to reduce the data rate at
the digital input of the DAC. In 3G systems, for example, a common sampling rate of a high speed DAC is
491.52 MSPS. With a four times interpolation of the digital data, the required input data rate results into
122.88 MSPS, which can be supported easily from the digital side. The DUC GC5016, which supports up to four
WCDMA carriers, provides a maximum output data rate of 150 MSPS. An example is shown in Figure 28, where
the CDCM7005 supplies the clock signal for the DUC/DDC and ADC/DAC.
36
Submit Documentation Feedback
Copyright © 2009–2012, Texas Instruments Incorporated
Product Folder Link(s) :CDCM7005-SP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com