Electronic Components Datasheet Search
  English  ▼

X  

CDCM7005-SP Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # CDCM7005-SP
Description  3.3-V HIGH PERFORMANCE RAD-TOLERANT CLASS V, CLOCK SYNCHRONIZER AND JITTER CLEANER
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDCM7005-SP Datasheet(HTML) 7 Page - Texas Instruments

Back Button CDCM7005-SP Datasheet HTML 3Page - Texas Instruments CDCM7005-SP Datasheet HTML 4Page - Texas Instruments CDCM7005-SP Datasheet HTML 5Page - Texas Instruments CDCM7005-SP Datasheet HTML 6Page - Texas Instruments CDCM7005-SP Datasheet HTML 7Page - Texas Instruments CDCM7005-SP Datasheet HTML 8Page - Texas Instruments CDCM7005-SP Datasheet HTML 9Page - Texas Instruments CDCM7005-SP Datasheet HTML 10Page - Texas Instruments CDCM7005-SP Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 41 page
background image
CDCM7005-SP
www.ti.com
SGLS390E – JULY 2009 – REVISED AUGUST 2012
TIMING REQUIREMENTS (continued)
over recommended ranges of supply voltage, load and operating free air temperature
PARAMETER
MIN
TYP
MAX
UNIT
PD, RESET, HOLD , REF_SEL REQUIREMENTS
tr / tf
Rise and fall time of the PD, RESET, HOLD, REF_SEL signal from 20% to 80% of VCC
4
ns
DEVICE CHARACTERISTICS
over recommended operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
OVERALL
fVCXO = 200 MHz,
fREF_IN = 25 MHz,
ICC_LVPECL
PFD = 195.3125 kHz, ICP = 2 mA, all
210
260
mA
outputs are LVPECL and Div-by-8 (load,
see Figure 15)
Supply current (ICC over frequency see
Figure 3 through Figure 6)
fVCXO = 200 MHz,
fREF_IN = 25 MHz,
ICC_LVCMOS
PFD = 195.3125 kHz, ICP = 2 mA, All
120
160
mA
outputs are LVCMOS and Div-by-8 (load,
10 pF)
fIN = 0 MHz, VCC = 3.6 V, AVCC = 3.6 V,
ICCPD
Power-down current
VCC_CP = 3.6 V,
100
300
µA
VI = 0 V or VCC
VO = 0 V or VCC – 0.8 V
±40
µA
High-impedance state output current
IOZ
for Yx outputs
VO = 0 V or VCC
±100
µA
Voltage on I_REF_CP (external current
VI_REF_CP
12 k
Ω to GND at pin 49
1.114
1.21
1.326
V
path for accurate charge pump current)
VBB
Output reference voltage
VCC = 3 V – 3.6 V; IBB = –0.2 mA
VCC–1.446
VCC–1.3
VCC–1.09
V
CO
Output capacitance for Yx
VCC = 3.3 V, VO = 0 V or VCC
3
pF
Input capacitance at PRI_REF and
VI = 0 V or VCC, VI = 0 V or VCC
3.6
SEC_REF
CI
pF
Input capacitance at CTRL_LE,
VI = 0 V or VCC
3
CTRL_CLOCK, CTRL_DATA
LVCMOS
Output frequency (see (2), (3), Figure 8,
Load = 5 pF to GND, 1 k
Ω to VCC, 1 kΩ
fclk
240
MHz
and Figure 9)
to GND
VIK
LVCMOS input clamp voltage
VCC = 3 V, II = –18 mA
–1.2
V
LVCMOS input current for CTRL_LE,
II
VI = 0 V or VCC, VCC = 3.6 V
±5
µA
CTRL_CLK, CTRL_DATA
LVCMOS input current for PD, RESET,
IIH
HOLD, REF_SEL, PRI_REF,
VI = VCC, VCC = 3.6 V
5
µA
SEC_REF, (see (4))
LVCMOS input current for PD, RESET,
IIL
HOLD, REF_SEL, PRI_REF,
VI = 0 V, VCC = 3.6 V
–15
–35
µA
SEC_REF (see (4))
VCC = min to max,
VCC–0.1
IOH = –100 μA
High-level output voltage for LVCMOS
VOH
V
outputs
VCC = 3 V, IOH = –6 mA
2.4
VCC = 3 V, IOH = –12 mA
2
VCC = min to max,
0.1
IOL = 100 μA
Low-level output voltage for LVCMOS
VOL
V
outputs
VCC = 3 V, IOL = 6 mA
0.5
VCC = 3 V, IOL = 12 mA
0.8
IOH
High-level output current
VCC = 3.3 V, VO = 1.65 V
-50
–30
-20
mA
IOL
Low-level output current
VCC = 3.3 V, VO = 1.65 V
20
30
50
mA
(1)
All typical values are at VCC = 3.3 V, temperature = 25°C.
(2)
fclk can be up to 400 MHz in the typical operating mode (25°C / 3.3-V VCC).
(3)
Operating the LVCMOS or LVPECL output above the maximum frequency will not cause a malfunction to the device, but the output
signal swing may no longer meet the output specification.
(4)
These inputs have an internal 150-k
Ω pullup resistor.
Copyright © 2009–2012, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s) :CDCM7005-SP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com