Electronic Components Datasheet Search
  English  ▼

X  

DAC8831MCDREP Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # DAC8831MCDREP
Description  16-Bit, Ultra-Low Power, Voltage-Output Digital-to-Analog Converters
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC8831MCDREP Datasheet(HTML) 21 Page - Texas Instruments

Back Button DAC8831MCDREP Datasheet HTML 17Page - Texas Instruments DAC8831MCDREP Datasheet HTML 18Page - Texas Instruments DAC8831MCDREP Datasheet HTML 19Page - Texas Instruments DAC8831MCDREP Datasheet HTML 20Page - Texas Instruments DAC8831MCDREP Datasheet HTML 21Page - Texas Instruments DAC8831MCDREP Datasheet HTML 22Page - Texas Instruments DAC8831MCDREP Datasheet HTML 23Page - Texas Instruments DAC8831MCDREP Datasheet HTML 24Page - Texas Instruments DAC8831MCDREP Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
www.ti.com
Bipolar Output Operation
0.1
µF
V
DD
+5 V
RFB
INV
AGNDF
AGNDS
DAC
DAC Latch
Input
Register
DAC8831
+V
−V
SDI
SCLK
LDAC
V
OUT
R
FB
R
INV
V
REF− S
V
REF− F
CS
+2.5 V
+
0.1
µF
10
µF
DGND
V
O = − VREF to +VREF
OPA277
OPA704
OPA727
V
OUT_BIP +
V
OUT_UNI ) VOS (2 ) RD) * VREF(1 ) RD)
1 )
2)RD
A
DAC8830-EP
DAC8831-EP
SGLS334C – AUGUST 2006 – REVISED APRIL 2007
With the aid of an external operational amplifier, the DAC8831 may be configured to provide a bipolar voltage
output. A typical circuit of such an operation is shown in Figure 48. The matched bipolar offset resistors RFB and
RINV are connected to an external operational amplifier to achieve this bipolar output swing; typically, RFB = RINV
= 28 k
Ω.
Table 2 shows the transfer function for this output operating mode. The DAC8831 also provides a set of Kelvin
connections to the analog ground and external reference inputs.
Table 2. Bipolar Code
DAC Latch Contents
Analog Output
MSB
LSB
1111 1111 1111 1111
VREF × (32,767/32,768)
1000 0000 0000 0000
VREF × (1/32,768)
0111 1111 1111 1111
0 V
0000 0000 0000 0001
–VREF × (1/32,768)
0000 0000 0000 0000
–VREF × (32,767/32,768) = –VREF
Figure 48. Bipolar Output Mode of DAC8831
Assuming a perfect reference, the worst-case output voltage may be calculated from the following equation:
Bipolar Mode Worst-Case Output
Where:
VOS = External operational amplifier input offset voltage
RD = RFB and RIN resistor matching error
A = Operational amplifier open-loop gain
21
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com