Electronic Components Datasheet Search
  English  ▼

X  

DAC8831MCDREP Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # DAC8831MCDREP
Description  16-Bit, Ultra-Low Power, Voltage-Output Digital-to-Analog Converters
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC8831MCDREP Datasheet(HTML) 14 Page - Texas Instruments

Back Button DAC8831MCDREP Datasheet HTML 10Page - Texas Instruments DAC8831MCDREP Datasheet HTML 11Page - Texas Instruments DAC8831MCDREP Datasheet HTML 12Page - Texas Instruments DAC8831MCDREP Datasheet HTML 13Page - Texas Instruments DAC8831MCDREP Datasheet HTML 14Page - Texas Instruments DAC8831MCDREP Datasheet HTML 15Page - Texas Instruments DAC8831MCDREP Datasheet HTML 16Page - Texas Instruments DAC8831MCDREP Datasheet HTML 17Page - Texas Instruments DAC8831MCDREP Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 32 page
background image
www.ti.com
TYPICAL CHARACTERISTICS: VDD = 3 V
8192
0
65536
57344
49152
40960
32768
24576
16384
Digital Input Code
T
A = +25_ C
V
REF = 1.5 V
1.00
0.75
0.50
0.25
0
−0.25
−0.50
−0.75
−1.00
8192
0
65536
57344
49152
40960
32768
24576
16384
Digital Input Code
T
A = +25_ C
V
REF = 1.5 V
1.00
0.75
0.50
0.25
0
−0.25
−0.50
−0.75
−1.00
8192
0
65536
57344
49152
40960
32768
24576
16384
Digital Input Code
T
A = − 40_ C
V
REF = 1.5 V
1.00
0.75
0.50
0.25
0
−0.25
−0.50
−0.75
−1.00
8192
0
65536
57344
49152
40960
32768
24576
16384
Digital Input Code
T
A = − 40_ C
V
REF = 1.5 V
1.00
0.75
0.50
0.25
0
−0.25
−0.50
−0.75
−1.00
8192
0
65536
57344
49152
40960
32768
24576
16384
Digital Input Code
T
A = +85_ C
V
REF = 1.5 V
1.00
0.75
0.50
0.25
0
−0.25
−0.50
−0.75
−1.00
8192
0
65536
57344
49152
40960
32768
24576
16384
Digital Input Code
T
A = +85_ C
V
REF = 1.5 V
1.00
0.75
0.50
0.25
0
−0.25
−0.50
−0.75
−1.00
DAC8830-EP
DAC8831-EP
SGLS334C – AUGUST 2006 – REVISED APRIL 2007
At TA = 25°C, VREF = 2.5 V (unless otherwise noted)
LINEARITY ERROR
DIFFERENTIAL LINEARITY ERROR
vs DIGITAL INPUT CODE
vs DIGITAL INPUT CODE
Figure 27.
Figure 28.
LINEARITY ERROR
DIFFERENTIAL LINEARITY ERROR
vs DIGITAL INPUT CODE
vs DIGITAL INPUT CODE
Figure 29.
Figure 30.
LINEARITY ERROR
DIFFERENTIAL LINEARITY ERROR
vs DIGITAL INPUT CODE
vs DIGITAL INPUT CODE
Figure 31.
Figure 32.
14
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com