Electronic Components Datasheet Search
  English  ▼

X  

DAC8831MCDREP Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # DAC8831MCDREP
Description  16-Bit, Ultra-Low Power, Voltage-Output Digital-to-Analog Converters
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC8831MCDREP Datasheet(HTML) 13 Page - Texas Instruments

Back Button DAC8831MCDREP Datasheet HTML 9Page - Texas Instruments DAC8831MCDREP Datasheet HTML 10Page - Texas Instruments DAC8831MCDREP Datasheet HTML 11Page - Texas Instruments DAC8831MCDREP Datasheet HTML 12Page - Texas Instruments DAC8831MCDREP Datasheet HTML 13Page - Texas Instruments DAC8831MCDREP Datasheet HTML 14Page - Texas Instruments DAC8831MCDREP Datasheet HTML 15Page - Texas Instruments DAC8831MCDREP Datasheet HTML 16Page - Texas Instruments DAC8831MCDREP Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
www.ti.com
5V/div
0.1V/div
Time (0.5
µs/div)
LDAC
V
OUT
V
REF = 2.5 V
Time (0.5
µs/div)
V
REF = 2.5 V
LDAC
V
OUT
5V/div
0.1V/div
Time (0.2
µs/div)
V
REF = 2.5 V
LDAC
V
OUT
5V/div
1V/div
Time (0.2
µs/div)
V
REF = 2.5 V
LDAC
V
OUT
5V/div
1V/div
Time (50ns/div)
V
REF = 2.5 V
SDI
V
OUT
5V/div
20mV/div
DAC8830-EP
DAC8831-EP
SGLS334C – AUGUST 2006 – REVISED APRIL 2007
TYPICAL CHARACTERISTICS: VDD = 5 V (continued)
At TA = 25°C, VREF = 2.5 V (unless otherwise noted)
MAJOR-CARRY GLITCH
MAJOR-CARRY GLITCH
(FALLING)
(RISING)
Figure 22.
Figure 23.
DAC SETTLING TIME
DAC SETTLING TIME
(FALLING)
(RISING)
Figure 24.
Figure 25.
DIGITAL
FEEDTHROUGH
Figure 26.
13
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com