Electronic Components Datasheet Search
  English  ▼

X  

DAC8831MCDREP Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # DAC8831MCDREP
Description  16-Bit, Ultra-Low Power, Voltage-Output Digital-to-Analog Converters
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC8831MCDREP Datasheet(HTML) 5 Page - Texas Instruments

  DAC8831MCDREP Datasheet HTML 1Page - Texas Instruments DAC8831MCDREP Datasheet HTML 2Page - Texas Instruments DAC8831MCDREP Datasheet HTML 3Page - Texas Instruments DAC8831MCDREP Datasheet HTML 4Page - Texas Instruments DAC8831MCDREP Datasheet HTML 5Page - Texas Instruments DAC8831MCDREP Datasheet HTML 6Page - Texas Instruments DAC8831MCDREP Datasheet HTML 7Page - Texas Instruments DAC8831MCDREP Datasheet HTML 8Page - Texas Instruments DAC8831MCDREP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS
DAC8830-EP
DAC8831-EP
SGLS334C – AUGUST 2006 – REVISED APRIL 2007
All specifications at TA = TMIN to TMAX, VDD = 3 V, or VDD = 5 V, VREF = 2.5 V (unless otherwise noted); specifications subject
to change without notice.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
STATIC PERFORMANCE
Resolution
16
bits
TA = 25°C
±0.5
±1
TA = –40°C to 105°C (DAC8831
±0.5
±1.5
only)
Linearity error
LSB
TA = –55°C to 125°C (DAC8831
±4
only)
TA = –55°C to 125°C (DAC8830
±0.5
±1.5
only)
Differential linearity error
All grades
±0.5
±1
LSB
TA = 25°C
±1
±5
Gain error
LSB
TA = –55°C to 125°C
±7
Gain drift
±0.1
ppm/
°C
TA = 25°C
±0.25
±1
TA = –40°C to 105°C (DAC8831
±2.5
Only)
Zero code error
LSB
TA = –55°C to 125°C (DAC8831
±3
Only)
TA = –55°C to 125°C (DAC8830
±2
Only)
Zero code drift
±0.05
ppm/
°C
OUTPUT CHARACTERISTICS
Unipolar operation
0
VREF
V
Voltage output (1)
(DAC8831 only)
Bipolar operation
–VREF
VREF
V
Output Impedance
6.25
k
Ω
Settling time
To 1/2 LSB of FS, CL = 10 pF
1
μs
Slew rate(2)
CL = 10 pF
25
V/
μs
Digital-to-analog glitch
1 LSB change around major carry
8
nV-s
Digital feedthrough(3)
0.2
nV-s
DAC8830
10
Output noise
TA = 25°C
nV/
√Hz
DAC8831
18
Power supply rejection
VDD varies ±10%
±1
LSB
RFB / RINV
1
Ω/Ω
Bipolar resistor
DAC8831 only
matching
Ratio error
±0.0015%
±0.01%
TA = 25°C
±0.25
±5
Bipolar zero error
DAC8831 only
LSB
TA = –55°C to 125°C
±7
Bipolar zero drift
DAC8831 only
±0.2
ppm/
°C
(1)
TheDAC8830 output is unipolar (0 V to VREF). TheDAC8831 output is bipolar (±VREF) when it connects to an external buffer (see the
Bipolar Output Operation section for details).
(2)
Slew Rate is measure from 10% to 90% of transition when the output changes from 0 to full scale.
(3)
Digital feedthrough is defined as the impulse injected into the analog output from the digital input. It is measured when the DAC output
does not change, CS is held high, while SCLK and DIN signals are toggled.
5
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com