Electronic Components Datasheet Search
  English  ▼

X  

ISO1540 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # ISO1540
Description  Low-Power Bidirectional I2C Isolators
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ISO1540 Datasheet(HTML) 11 Page - Texas Instruments

Back Button ISO1540 Datasheet HTML 7Page - Texas Instruments ISO1540 Datasheet HTML 8Page - Texas Instruments ISO1540 Datasheet HTML 9Page - Texas Instruments ISO1540 Datasheet HTML 10Page - Texas Instruments ISO1540 Datasheet HTML 11Page - Texas Instruments ISO1540 Datasheet HTML 12Page - Texas Instruments ISO1540 Datasheet HTML 13Page - Texas Instruments ISO1540 Datasheet HTML 14Page - Texas Instruments ISO1540 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
VSDA1
VC-out
VILT1
VIHT1
VOL1
40mV
RPU1
RPU2
VCC1
VCC2
SDA1
GND1
GND2
SDA2
VREF
A
B
D
C
ISO1540
50mV
Cbus
Cnode
From Master to Slave
From Slave to Master
S Slave Address R A
DATA
A
DATA
A P
S Slave Address W A
DATA
A
DATA
A P
Master Transmitter writing to Slave Receiver
Master Receiver reading from Slave Transmitter
A = acknowledge
A = not acknowledge
S = Start
P = Stop
R = Read
W = Write
ISO1540
ISO1541
www.ti.com
SLLSEB6 – JULY 2012
The address and the 8-bit data bytes are sent most significant bit (MSB) first. The START bit is indicated by a
high-to-low transition of SDA while SCL is high. The STOP condition is created by a low-to-high transition of SDA
while SCL is high.
If the master writes to a slave, it repeatedly sends a byte with the slave sending an ACK bit. In this case, the
master is in master-transmit mode and the slave is in slave-receive mode.
If the master reads from a slave, it repeatedly receives a byte from the slave, while acknowledging (ACK) the
receipt of every byte but the last one (see Figure 8). In this situation the master is in master-receive mode and
the slave is in slave-transmit mode.
The master ends the transmission with a STOP bit, or may send another START bit to maintain bus control for
further transfers.
Figure 8. Transmit or Receive Mode Changes During a Data Transfer
When writing to a slave, a master mainly operates in transmit-mode and only changes to receive-mode when
receiving acknowledgment from the slave.
When reading from a slave, the master starts in transmit-mode and then changes to receive-mode after sending
a READ request (R/W bit = 1) to the slave. The slave continues in the complementary mode until the end of a
transaction.
Note, that the master ends a reading sequence by not acknowledging (NACK) the last byte received. This
procedure resets the slave state machine and allows the master to send the STOP command.
Isolator Functional Principle
To isolate a bidirectional signal path (SDA or SCL), the ISO1540 internally splits a bidirectional line into two
unidirectional signal lines, each of which is isolated via a single-channel digital isolator. Each channel output is
made open-drain to comply with the open-drain technology of I2C. Side 1 of the ISO1540 connects to a low-
capacitance I2C node, while Side 2 is designed for connecting to a fully loaded I2C bus with up to 400 pF
capacitance.
Figure 9. SDA Channel Design and Voltage Levels at SDA1
At first sight, the arrangement of the internal buffers suggests a closed signal loop that is prone to latch-up.
However, this loop is broken by implementing an output buffer (B) whose output low-level is raised by a diode
drop to approximately 0.75 V, and the input buffer (C) that consists of a comparator with defined hysteresis. The
comparator’s upper and lower input thresholds then distinguish between the proper low-potential of 0.4 V
maximum driven directly by SDA1 and the buffered output low-level of B.
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): ISO1540 ISO1541



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com