Electronic Components Datasheet Search
  English  ▼

X  

ISO1540 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # ISO1540
Description  Low-Power Bidirectional I2C Isolators
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ISO1540 Datasheet(HTML) 16 Page - Texas Instruments

Back Button ISO1540 Datasheet HTML 12Page - Texas Instruments ISO1540 Datasheet HTML 13Page - Texas Instruments ISO1540 Datasheet HTML 14Page - Texas Instruments ISO1540 Datasheet HTML 15Page - Texas Instruments ISO1540 Datasheet HTML 16Page - Texas Instruments ISO1540 Datasheet HTML 17Page - Texas Instruments ISO1540 Datasheet HTML 18Page - Texas Instruments ISO1540 Datasheet HTML 19Page - Texas Instruments ISO1540 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
0
10
20
30
40
50
60
70
−40 −25 −10
5
20
35
50
65
80
95
110 125
Free-Air Temperature (°C)
VCC1 and VCC2 = 3.3 V
VCC1 and VCC2 = 5 V
G015
0
20
40
60
80
100
120
140
−40 −25 −10
5
20
35
50
65
80
95
110 125
Free-Air Temperature (°C)
VCC1 and VCC2 = 3.3 V, R1 = 953
Ω, R2 = 95.3Ω
VCC1 and VCC2 = 5 V, R1 = 1430
Ω, R2 = 143Ω
C1 = 40 pF
C2 = 400 pF
G013
575
580
585
590
595
600
−40 −25 −10
5
20
35
50
65
80
95
110 125
Free-Air Temperature (°C)
VCC1 and VCC2 = 3.3 V
VCC1 and VCC2 = 5 V
R1 = 2.2 k
Ω
C1 = 40 pF
R2 = 2.2 k
Ω
C2 = 400 pF
G014
132
134
136
138
140
142
144
146
148
−40 −25 −10
5
20
35
50
65
80
95
110 125
Free-Air Temperature (°C)
VCC1 and VCC2 = 3.3 V
VCC1 and VCC2 = 5 V
R1 = 2.2 k
Ω
C1 = 40 pF
G011
0
10
20
30
40
50
60
70
80
−40 −25 −10
5
20
35
50
65
80
95
110 125
Free-Air Temperature (°C)
VCC1 and VCC2 = 3.3 V
VCC1 and VCC2 = 5 V
R1 = 2.2 k
Ω
C1 = 40 pF
G012
ISO1540
ISO1541
SLLSEB6 – JULY 2012
www.ti.com
TYPICAL CHARACTERISTICS (continued)
tPLH2-1 PROPAGATION DELAY
tPHL2-1 PROPAGATION DELAY
vs FREE-AIR TEMPERATURE
vs FREE-AIR TEMPERATURE
Figure 24.
Figure 25.
tLOOP1 vs FREE-AIR TEMPERATURE
tLOOP1 vs FREE-AIR TEMPERATURE
Figure 26.
Figure 27.
CMTI vs FREE-AIR TEMPERATURE
Figure 28.
16
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Link(s): ISO1540 ISO1541



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com