Electronic Components Datasheet Search
  English  ▼

X  

ISO1540 Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # ISO1540
Description  Low-Power Bidirectional I2C Isolators
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ISO1540 Datasheet(HTML) 14 Page - Texas Instruments

Back Button ISO1540 Datasheet HTML 10Page - Texas Instruments ISO1540 Datasheet HTML 11Page - Texas Instruments ISO1540 Datasheet HTML 12Page - Texas Instruments ISO1540 Datasheet HTML 13Page - Texas Instruments ISO1540 Datasheet HTML 14Page - Texas Instruments ISO1540 Datasheet HTML 15Page - Texas Instruments ISO1540 Datasheet HTML 16Page - Texas Instruments ISO1540 Datasheet HTML 17Page - Texas Instruments ISO1540 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 21 page
background image
0
5
10
15
20
25
30
−40 −25 −10
5
20
35
50
65
80
95
110 125
Free-Air Temperature (°C)
R2 = 95.3
Ω
R2 = 2.2 k
Ω
VCC2 = 3.3 V
C2 = 400 pF
Fall Time measured from
70% to 30% VCC2
G003
0
5
10
15
20
25
30
−40 −25 −10
5
20
35
50
65
80
95
110 125
Free-Air Temperature (°C)
R2 = 143
Ω
R2 = 2.2 k
Ω
VCC2 = 5 V
C2 = 400 pF
Fall Time measured from
70% to 30% VCC2
G004
0
2
4
6
8
10
12
14
16
18
20
−40 −25 −10
5
20
35
50
65
80
95
110 125
Free-Air Temperature (°C)
R1 = 953
Ω
R1 = 2.2 k
Ω
VCC1 = 3.3 V
C1 = 40 pF
Fall Time measured from
70% to 30% VCC1
G001
0
2
4
6
8
10
12
14
16
18
20
−40 −25 −10
5
20
35
50
65
80
95
110 125
Free-Air Temperature (°C)
R1 = 1430
Ω
R1 = 2.2 k
Ω
VCC1 = 5 V
C1 = 40 pF
Fall Time measured from
70% to 30% VCC1
G002
0
0.3
0.6
0.9
Applied Voltage, V
, V
(V)
SDA1
SCL1
0.1
0.2
0.4
0.5
0.7
0.8
-0.5
1.0
0.0
2.0
0.5
3.0
1.5
2.5
T = 25 C
A
o
0.780
0.740
0.800
0.720
0.680
0.760
0.660
0.640
0.600
0.700
0.620
I
= 3.5 mA
OL1
I
= 0.5 mA
OL1
−40 −25 −10
5
20
35
50
65
80
95
110 125
Free−Air Temperature (°C)
ISO1540
ISO1541
SLLSEB6 – JULY 2012
www.ti.com
TYPICAL CHARACTERISTICS
SIDE 1 OUTPUT LOW VOLTAGE
SIDE 1 OUTPUT LOW CURRENT
vs FREE-AIR TEMPERATURE
vs SDA1 or SCL1 APPLIED VOLTAGE
Figure 12.
Figure 13.
SIDE 1 OUTPUT FALL TIME
SIDE 1 OUTPUT FALL TIME
vs FREE-AIR TEMPERATURE
vs FREE-AIR TEMPERATURE
Figure 14.
Figure 15.
SIDE 2 OUTPUT FALL TIME
SIDE 2 OUTPUT FALL TIME
vs FREE-AIR TEMPERATURE
vs FREE-AIR TEMPERATURE
Figure 16.
Figure 17.
14
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Link(s): ISO1540 ISO1541



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com