Electronic Components Datasheet Search
  English  ▼

X  

LT3573 Datasheet(PDF) 7 Page - Linear Technology

Part # LT3573
Description  Isolated No Opto-Coupler Flyback Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3573 Datasheet(HTML) 7 Page - Linear Technology

Back Button LT3573 Datasheet HTML 3Page - Linear Technology LT3573 Datasheet HTML 4Page - Linear Technology LT3573 Datasheet HTML 5Page - Linear Technology LT3573 Datasheet HTML 6Page - Linear Technology LT3573 Datasheet HTML 7Page - Linear Technology LT3573 Datasheet HTML 8Page - Linear Technology LT3573 Datasheet HTML 9Page - Linear Technology LT3573 Datasheet HTML 10Page - Linear Technology LT3573 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
LT3798
7
3798f
PIN FUNCTIONS
BLOCK DIAGRAM
VOUT
+
VOUT
–
VRECTIFIED
D1
C7
L1A
T1
N:1
L1B
C2
SW1
R1
R3
C3
1.22V
VIN
R14
R13
D2
L1C
C1
R15
R4
R5
VIN_SENSE
EN/UVLO
DCM
STARTUP
INTERNAL REG
VREF
OVP
FB
S&H
COMP+
COMP–
CTRL1
CTRL3
CTRL2
FB
S&H
VC
1.22V
C6
C4
R8
R9
R10
+
–
A8
–
+
A5
A6
MINIMUM
MULTIPLIER
A3
R12
1M
+
–
600mV
ONE
SHOT
+
–
A2
+
–
A1
CURRENT
COMPARATOR
R
Q
S
S
MASTER
LATCH
LOW OUTPUT
CURRENT
OSCILLATOR
A4
R11
R7
DRIVER
GND
GATE
INTVCC
SENSE
R6
C5
3798 BD
–
+
A7
A9
GATE (Pin 14): N-Channel FET Gate Driver Output. Switches
between INTVCC and GND. Driven to GND during shutdown
state and stays high during low voltage states.
SENSE (Pin 15): The Current Sense Input for the Control
Loop. Kelvin connect this pin to the positive terminal of the
switch current sense resistor, RSENSE, in the source of the
NFET. The negative terminal of the current sense resistor
should be connected to the GND plane close to the IC.
VIN_SENSE (Pin 16): Line Voltage Sense Pin. The pin is
used for sensing the AC line voltage to perform power
factor correction. Connect a resistor in series with the
line voltage to this pin. If no PFC is needed, connect this
pin to INTVCC with a 25k resistor.
GND (Exposed Pad Pin 17): Ground. The exposed pad
of the package provides both electrical contact to ground
and good thermal contact to the printed circuit board.
The exposed pad must be soldered to the circuit board
for proper operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com