Electronic Components Datasheet Search
  English  ▼

X  

LT3573 Datasheet(PDF) 13 Page - Linear Technology

Part # LT3573
Description  Isolated No Opto-Coupler Flyback Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3573 Datasheet(HTML) 13 Page - Linear Technology

Back Button LT3573 Datasheet HTML 9Page - Linear Technology LT3573 Datasheet HTML 10Page - Linear Technology LT3573 Datasheet HTML 11Page - Linear Technology LT3573 Datasheet HTML 12Page - Linear Technology LT3573 Datasheet HTML 13Page - Linear Technology LT3573 Datasheet HTML 14Page - Linear Technology LT3573 Datasheet HTML 15Page - Linear Technology LT3573 Datasheet HTML 16Page - Linear Technology LT3573 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
LT3798
13
3798f
Switch Voltage Clamp Requirement
Leakage inductance of an offline transformer is high due
to the extra isolation requirement. The leakage inductance
energy is not coupled to the secondary but goes into
the drain node of the MOSFET. This is problematic since
400V and higher rated MOSFETs cannot always handle
this energy by avalanching. Therefore the MOSFET needs
protection. A transient voltage suppressor (TVS) and diode
are recommended for all offline application and connected,
as shown in Figure 3. The TVS device needs a reverse
breakdown voltage greater than (VOUT + VF) • NPS where
VOUT is the output voltage of the flyback converter, VF is
the secondary diode forward voltage, and NPS is the turns
ratio. An RCD clamp can be used in place of the TVS clamp.
period, as well. Similarly, initial values can be estimated
using stated switch capacitance and transformer leakage
inductance. Once the value of the drain node capacitance
and inductance is known, a series resistor can be added
to the snubber capacitance to dissipate power and criti-
cally dampen the ringing. The equation for deriving the
optimal series resistance using the observed periods
(tPERIOD, and tPERIOD(SNUBBED)) and snubber capacitance
(CSNUBBER) is below, and the resultant waveforms are
shown in Figure 4.
OPERATION
Figure 3. TVS & RCD Switch Voltage Clamps
3798 F03
GATE
VSUPPLY
GATE
VSUPPLY
In addition to clamping the spike, in some designs where
short circuit protection is desired, it will be necessary to
decrease the amount of ringing by using an RC snubber.
Leakage inductance ringing is at its worst during a short
circuit condition, and can keep the converter from cycling
on and off by peak charging the bias capacitor. On/off
cycling is desired to keep power dissipation down in the
output diode. Alternatively, a heat sink can be used to
manage diode temperature.
The recommended approach for designing an RC snubber
is to measure the period of the ringing at the MOSFET
drain when the MOSFET turns off without the snubber
and then add capacitance—starting with something in
the range of 100pF—until the period of the ringing is 1.5
to 2 times longer. The change in period will determine
the value of the parasitic capacitance, from which the
parasitic inductance can be determined from the initial
Figure 4. Observed Waveforms at MOSFET Drain when
Iteratively Implementing an RC Snubber
TIME (μs)
0
0
10
30
40
50
0.20
90
3798 F04
20
0.10
0.05
0.25
0.15
0.30
60
70
80
NO SNUBBER
WITH SNUBBER
CAPACITOR
WITH RESISTOR
AND CAPACITOR
CPAR =
CSNUBBER
tPERIOD(SNUBBED)
tPERIOD
⎛
⎝
⎜
⎞
⎠
⎟
2
–1
LPAR =
tPERIOD2
CPAR •4π2
RSNUBBER =
LPAR
CPAR
Note that energy absorbed by a snubber will be converted
to heat and will not be delivered to the load. In high volt-
age or high current applications, the snubber may need to
be sized for thermal dissipation. To determine the power
dissipated in the snubber resistor from capacitive losses,
measure the drain voltage immediately before the MOS-
FET turns on and use the following equation relating that



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com