Electronic Components Datasheet Search
  English  ▼

X  

LT3573 Datasheet(PDF) 2 Page - Linear Technology

Part # LT3573
Description  Isolated No Opto-Coupler Flyback Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3573 Datasheet(HTML) 2 Page - Linear Technology

  LT3573 Datasheet HTML 1Page - Linear Technology LT3573 Datasheet HTML 2Page - Linear Technology LT3573 Datasheet HTML 3Page - Linear Technology LT3573 Datasheet HTML 4Page - Linear Technology LT3573 Datasheet HTML 5Page - Linear Technology LT3573 Datasheet HTML 6Page - Linear Technology LT3573 Datasheet HTML 7Page - Linear Technology LT3573 Datasheet HTML 8Page - Linear Technology LT3573 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
LT3798
2
3798f
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
EN/UVLO...................................................................30V
VIN ............................................................................42V
INTVCC......................................................................12V
CTRL1, CTRL2, CTRL3................................................4V
FB, VREF, COMP+ ........................................................3V
VC, OVP, COMP– .........................................................4V
SENSE......................................................................0.4V
VIN_SENSE.................................................................1mA
DCM.......................................................................±3mA
Operating Temperature Range (Note 2)
LT3798E/LT3798I................................... –40°C to 125°C
Storage Temperature Range .................. –65°C to 150°C
(Note 1)
1
2
3
4
5
6
7
8
CTRL1
CTRL2
CTRL3
VREF
OVP
VC
COMP+
COMP–
16
15
14
13
12
11
10
9
VIN_SENSE
SENSE
GATE
INTVCC
EN/UVLO
VIN
DCM
FB
TOP VIEW
17
GND
MSE PACKAGE
16-LEAD PLASTIC MSOP
θJA = 50°C/W, θJC = 10°C/W
EXPOSED PAD (PIN 17) IS GND, MUST BE SOLDERED TO PCB
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT3798EMSE#PBF
LT3798EMSE#TRPBF
3798
16-Lead Plastic MSOP
–40°C to 125°C
LT3798IMSE#PBF
LT3798IMSE#TRPBF
3798
16-Lead Plastic MSOP
–40°C to 125°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Input Voltage Range
10
38
V
VIN Quiescent Current
VEN/UVLO = 0.2V
VEN/UVLO = 1.5V, Not Switching
45
60
70
70
μA
μA
VIN Quiescent Current, INTVCC Overdriven
VINTVCC = 11V
60
μA
VIN Shunt Regulator Voltage
I = 1mA
40
V
VIN Shunt Regulator Current Limit
8mA
INTVCC Quiescent Current
VEN/UVLO = 0.2V
VEN/UVLO = 1.5V, Not Switching
12.5
1.8
15.5
2.2
17.5
2.7
μA
mA
EN/UVLO Pin Threshold
EN/UVLO Pin Voltage Rising
l
1.21
1.25
1.29
V
EN/UVLO Pin Hysteresis Current
EN/UVLO=1V
8
10
12
μA
VIN_SENSE Threshold
Turn Off
27
μA
VREF Voltage
0 μA Load
200μA Load
l
l
1.97
1.95
2.0
1.98
2.03
2.03
V
V
CTRL1/CTRL2/CTRL3 Pin Bias Current
CTLR1/CTRL2/CTRL3 = 1V
±30
nA
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 18V, INTVCC = 11V, unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com