Electronic Components Datasheet Search
  English  ▼

X  

LT3573 Datasheet(PDF) 1 Page - Linear Technology

Part # LT3573
Description  Isolated No Opto-Coupler Flyback Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3573 Datasheet(HTML) 1 Page - Linear Technology

  LT3573 Datasheet HTML 1Page - Linear Technology LT3573 Datasheet HTML 2Page - Linear Technology LT3573 Datasheet HTML 3Page - Linear Technology LT3573 Datasheet HTML 4Page - Linear Technology LT3573 Datasheet HTML 5Page - Linear Technology LT3573 Datasheet HTML 6Page - Linear Technology LT3573 Datasheet HTML 7Page - Linear Technology LT3573 Datasheet HTML 8Page - Linear Technology LT3573 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
LT3798
1
3798f
n Isolated PFC Flyback with Minimum Number of
External Components
n VIN and VOUT Limited Only by External Components
n Active Power Factor Correction
n Low Harmonic Distortion
n No Opto-Coupler Required
n Constant-Current and Constant-Voltage Regulation
n Accurate Regulated Voltage and Current (±5% Typical)
n Energy Star Compliant (<0.5W No Load Operation)
n Thermally Enhanced 16-lead MSOP Package
TYPICAL APPLICATION
FEATURES
DESCRIPTION
Isolated No Opto-Coupler
Flyback Controller
with Active PFC
The LT®3798 is a constant-voltage/constant-current iso-
lated flyback controller that combines active power factor
correction (PFC) with no opto-coupler required for output
voltage feedback into a single-stage converter. A LT3798
based design can achieve a power factor of greater than 0.97
by actively modulating the input current, allowing compli-
ance with most Harmonic Current Emission requirements.
The LT3798 is well suited for a wide variety of off-line
applications. The input range can be scaled up or down,
depending mainly on the choice of external components.
Efficiencies higher than 86% can be achieved with output
power levels up to 100W. In addition, the LT3798 can easily
be designed into high DC input applications.
Universal Input 24W PFC Bus Converter
VOUT vs IOUT
APPLICATIONS
n Offline 5W to 100W+ Applications
n High DC VIN Isolated Applications
n Offline Bus Converter (12V, 24V or 48V Outputs)
L, LT, LTC, LTM, Linear Technology and the Linear logo are registered trademarks of Linear
Technology Corporation. All other trademarks are the property of their respective owners.
Protected by U.S. Patents, including 5438499 and 7471522.
3798 TA01a
VIN_SENSE
EN/UVLO
VIN
DCM
FB
VREF
CTRL2
CTRL1
OVP
GATE
SENSE
INTVCC
GND
LT3798
COMP+
VC
COMP–
560μ
F
×
2
4.7pF
10μ
F
2.2nF
4:1:1
2.2μF
0.1μF
20Ω
20Ω
0.05Ω
499k
499k
95.3k
1M
D2
Z1
Z2
D1
D4
22pF
D3
100k
100k
4.99k
90.9k
CTRL3
90V
TO 265V
AC
0.1μF
40.2k
100k
16.5k
221k
4.7μF
2k
24V
1A
IOUT (A)
0
23.50
24.25
24.00
23.75
24.50
0.6
0.8
1
0.2
0.4
3798 TA01b
VAC = 265V
VAC = 220V
VAC = 120V
VAC = 90V


Similar Part No. - LT3573

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3573 LINER-LT3573 Datasheet
247Kb / 24P
Isolated Flyback Converter Without an Opto-Coupler
LT3573 LINER-LT3573 Datasheet
277Kb / 26P
Monolithic High Voltage Isolated Flyback Converter No External Start-Up Resistor
LT3573 LINER-LT3573 Datasheet
313Kb / 24P
100VIN Micropower Isolated Flyback Converter with 150V/260mA Switch
logo
Analog Devices
LT3573 AD-LT3573 Datasheet
1Mb / 24P
100VIN Micropower Isolated Flyback Converter with 150V/260mA Switch
06/19-REV.A
LT3573 AD-LT3573 Datasheet
1Mb / 24P
42VIN Micropower No-Opto Isolated Flyback Converter with 65V/1.2A Switch
05/20-REV.B
More results

Similar Description - LT3573

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3573 LINER-LT3573 Datasheet
247Kb / 24P
Isolated Flyback Converter Without an Opto-Coupler
LT3837 LINER-LT3837 Datasheet
250Kb / 28P
Isolated No-Opto Synchronous Flyback Controller
LT3573 LINER-LT3573_09 Datasheet
1Mb / 26P
Isolated Flyback Converter without an Opto-Coupler
LT3574 LINER-LT3574 Datasheet
290Kb / 24P
Isolated Flyback Converter Without an Opto-Coupler
LTC4278 LINER-LTC4278_12 Datasheet
504Kb / 42P
Synchronous No-Opto Flyback Controller
LT3574 LINER-LT3574_15 Datasheet
294Kb / 24P
Isolated Flyback Converter Without an Opto-Coupler
LT3798 LINER-LT3798_15 Datasheet
418Kb / 20P
Isolated No Opto-Coupler Flyback Controller with Active PFC
LT3837 LINER-LT3837_15 Datasheet
321Kb / 28P
Isolated No-Opto Synchronous Flyback Controller
logo
Maxim Integrated Produc...
MAX17690 MAXIM-MAX17690_17 Datasheet
802Kb / 22P
60V, No-Opto Isolated Flyback Controller
Rev 1; 12/16
logo
Analog Devices
LT8306 AD-LT8306 Datasheet
613Kb / 29P
60V Low IQ No-Opto Isolated Flyback Controller
Rev 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com